Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCR169D Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCR169D
Description  General Purpose Sensitive Gate Silicon Controlled Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCR169D Datasheet(HTML) 6 Page - ON Semiconductor

  NCR169D_05 Datasheet HTML 1Page - ON Semiconductor NCR169D_05 Datasheet HTML 2Page - ON Semiconductor NCR169D_05 Datasheet HTML 3Page - ON Semiconductor NCR169D_05 Datasheet HTML 4Page - ON Semiconductor NCR169D_05 Datasheet HTML 5Page - ON Semiconductor NCR169D_05 Datasheet HTML 6Page - ON Semiconductor NCR169D_05 Datasheet HTML 7Page - ON Semiconductor NCR169D_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NCR169D
http://onsemi.com
6
ORDERING & SHIPPING INFORMATION: MCR100 Series packaging options, Device Suffix
Device
Description of TO92 Tape Orientation
Shipping
NCR169D
N/A, Bulk
Bulk in Box (5K/Box)
NCR169DG
N/A, Bulk
Bulk in Box (5K/Box)
(Pb−Free)
NCR169DRLRA
Round side of TO92 and adhesive tape visible
Radial Tape and Reel (2K/Reel)
NCR169DRLRAG
Round side of TO92 and adhesive tape visible
Radial Tape and Reel (2K/Reel)
(Pb−Free)
NCR169DRLRM
Flat side of TO92 and adhesive tape visible
Radial Tape and Fan Fold Box (2K/Box)
NCR169DRLRMG
Flat side of TO92 and adhesive tape visible
Radial Tape and Fan Fold Box (2K/Box)
(Pb−Free)
NCR169DRLRP
Flat side of TO92 and adhesive tape visible
Radial Tape and Fan Fold Box (2K/Box)
NCR169DRLRPG
Flat side of TO92 and adhesive tape visible
Radial Tape and Fan Fold Box (2K/Box)
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCR169D_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCR169DRLRA ONSEMI-NCR169DRLRA Datasheet
67Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
logo
Kersemi Electronic Co.,...
NCR169DRLRA KERSEMI-NCR169DRLRA Datasheet
419Kb / 7P
   Silicon Controlled Rectifier
logo
ON Semiconductor
NCR169DRLRM ONSEMI-NCR169DRLRM Datasheet
67Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
logo
Kersemi Electronic Co.,...
NCR169DRLRM KERSEMI-NCR169DRLRM Datasheet
419Kb / 7P
   Silicon Controlled Rectifier
More results

Similar Description - NCR169D_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCR169D ONSEMI-NCR169D Datasheet
67Kb / 8P
   General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
logo
SemiHow Co.,Ltd.
HSC106DM SEMIHOW-HSC106DM Datasheet
246Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
OT391 SUNTAC-OT391 Datasheet
88Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIER
CR02AM SUNTAC-CR02AM Datasheet
85Kb / 4P
   Sensitive Gate Silicon controlled Rectifier
logo
SHANTOU HUASHAN ELECTRO...
HC106D HUASHAN-HC106D Datasheet
184Kb / 3P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
X0205MN SUNTAC-X0205MN Datasheet
82Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
CR03AM SUNTAC-CR03AM Datasheet
128Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
X0105DN SUNTAC-X0105DN Datasheet
148Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
SemiHow Co.,Ltd.
HSC106D SEMIHOW-HSC106D Datasheet
216Kb / 4P
   Sensitive Gate Silicon Controlled Rectifier
logo
Suntac Electronic Corp.
MCR100-8 SUNTAC-MCR100-8 Datasheet
135Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com