Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5661 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5661
Description  Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5661 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5661_06 Datasheet HTML 1Page - ON Semiconductor NCP5661_06 Datasheet HTML 2Page - ON Semiconductor NCP5661_06 Datasheet HTML 3Page - ON Semiconductor NCP5661_06 Datasheet HTML 4Page - ON Semiconductor NCP5661_06 Datasheet HTML 5Page - ON Semiconductor NCP5661_06 Datasheet HTML 6Page - ON Semiconductor NCP5661_06 Datasheet HTML 7Page - ON Semiconductor NCP5661_06 Datasheet HTML 8Page - ON Semiconductor NCP5661_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP5661, NCV5661
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin − Vout = 1.5 V, for typical values TJ = 25°C, for min/max values TJ = −40°C to 125°C, Cin = Cout = 150 mF unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ADJUSTABLE OUTPUT VERSION
Input Voltage
Vin
2.0
9.0
V
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
26
mVrms
Output Voltage Accuracy
TJ = 25°C (Iout = 10 mA to 1.0 A)
TJ = −20 to +125°C (Iout = 10 mA to 1.0 A)
TJ = −40 to +150°C (Iout = 10 mA to 1.0 A)
Vout
−1%
−1.5%
−2%
0.9
+1%
+1.5%
+2%
V
Adjustable Pin Input Current
Iadj
40
nA
Line Regulation (Iout = 10 mA, Vout+1.5 V < Vin < 7.0 V)
REGline
0.03
%
Load Regulation (10 mA < Iout < 1.0 A)
REGload
0.03
%
Dropout Voltage (Iout = 1.0 A)
VDO
1.0
1.3
V
Peak Output Current Limit
Iout
1.0
A
Internal Current Limitation
Ilim
1.5
A
Ripple Rejection (120 Hz)
Ripple Rejection (1.0 kHz)
RR
70
65
dB
Thermal Shutdown (Guaranteed by Design)
TSHD
160
°C
Ground Current
Iout = 1.0 A
Disabled State
Iq
Iqds
1.3
10
3.0
300
mA
mA
Enable Input Threshold Voltage
Voltage Increasing, On State, Logic High
Voltage Decreasing, Off State, Logic Low
Ven
1.3
0.3
V
Enable Input Current
Enable Pin Voltage = 0.3 Vmax
Enable Pin Voltage = 1.3 Vmin
Ien
0.5
0.5
mA


Similar Part No. - NCP5661_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661DT12RKG ONSEMI-NCP5661DT12RKG Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661DT12RKG ONSEMI-NCP5661DT12RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661DT12RKG ONSEMI-NCP5661DT12RKG Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
More results

Similar Description - NCP5661_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5662 ONSEMI-NCP5662_07 Datasheet
615Kb / 14P
   Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5661 ONSEMI-NCP5661_14 Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com