Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5425DB Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5425DB
Description  Dual Synchronous Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5425DB Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5425DB Datasheet HTML 1Page - ON Semiconductor NCP5425DB Datasheet HTML 2Page - ON Semiconductor NCP5425DB Datasheet HTML 3Page - ON Semiconductor NCP5425DB Datasheet HTML 4Page - ON Semiconductor NCP5425DB Datasheet HTML 5Page - ON Semiconductor NCP5425DB Datasheet HTML 6Page - ON Semiconductor NCP5425DB Datasheet HTML 7Page - ON Semiconductor NCP5425DB Datasheet HTML 8Page - ON Semiconductor NCP5425DB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NCP5425
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TJ < 125°C; ROSC = 30.9 k, CCOMP1,2 = 0.1 mF, 4.75 V < VCC
< 13.2 V; 10.8 V < BST < 20 V, CGATE(H)1,2 = CGATE(L)1,2 = 1.0 nF; unless otherwise specified.)
Characteristic
Test Condition
Min
Typ
Max
Unit
OSCILLATOR
Switching Frequency
ROSC = 61.9 k; Measure GATE(H)1
112
150
188
kHz
Switching Frequency
ROSC = 30.9 k; Measure GATE(H)1
224
300
376
kHz
Switching Frequency
ROSC = 11.8 k; Measure GATE(H)1
562
750
938
kHz
ROSC Voltage
ROSC = 30.9 k
0.970
1.000
1.030
V
Phase Difference
180
°
Low Noise Disable
Guaranteed By Design
3.1
3.5
V
OVERCURRENT PROTECTION
OVC Comparator Offset Voltage
0 V < IS+1(2) < 5.5 V
0 V < IS−1(2) < 5.5 V
55
70
85
mV
IS+1(2) Bias Current
IS−1(2) Bias Current
0 V < IS+1(2) < 5.5 V
0 V < IS−1(2) < 5.5 V
−1.0
−1.0
0.1
0.1
1.0
1.0
mA
mA
OVC Common Mode Range
0
5.5
V
SUPPLY CURRENTS
VCC Current
COMP = 0 V (No Switching)
16
22
mA
BST Current
COMP = 0 V (No Switching)
3.5
6.0
mA
UNDERVOLTAGE LOCKOUT
Start Threshold
GATE(H) Switching; COMP1(2) Charging
3.8
4.2
4.6
V
Stop Threshold
GATE(H) Not Switching; COMP1(2) Discharging
3.6
4.0
4.4
V
Hysteresis
Start−Stop
0.1
0.2
0.45
V


Similar Part No. - NCP5425DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425DB ONSEMI-NCP5425DB Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
NCP5425DB ONSEMI-NCP5425DB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DB ONSEMI-NCP5425DB Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425DBG ONSEMI-NCP5425DBG Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NCP5425DBG ONSEMI-NCP5425DBG Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results

Similar Description - NCP5425DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com