Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV28 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BYV28
Description  Ultra fast low-loss controlled avalanche rectifiers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV28 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYV28 Datasheet HTML 1Page - NXP Semiconductors BYV28 Datasheet HTML 2Page - NXP Semiconductors BYV28 Datasheet HTML 3Page - NXP Semiconductors BYV28 Datasheet HTML 4Page - NXP Semiconductors BYV28 Datasheet HTML 5Page - NXP Semiconductors BYV28 Datasheet HTML 6Page - NXP Semiconductors BYV28 Datasheet HTML 7Page - NXP Semiconductors BYV28 Datasheet HTML 8Page - NXP Semiconductors BYV28 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1997 Nov 24
4
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYV28 series
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.20
For more information please refer to the
“General Part of associated Handbook”.
Cd
diode capacitance
f = 1 MHz; VR =0;
see Figs 17, 18 and 19
BYV28-50 to 200
190
pF
BYV28-300 and 400
150
pF
BYV28-500 and 600
125
pF
maximum slope of reverse
recovery current
when switched from
IF =1AtoVR ≥ 30 V and
dIF/dt = −1A/µs; see Fig.21
−−
4A/
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
25
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
75
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dI
R
dt
--------


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn