Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5424DR2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5424DR2
Description  Dual Synchronous Buck Controller with Input Current Sharing
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5424DR2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5424DR2 Datasheet HTML 7Page - ON Semiconductor NCP5424DR2 Datasheet HTML 8Page - ON Semiconductor NCP5424DR2 Datasheet HTML 9Page - ON Semiconductor NCP5424DR2 Datasheet HTML 10Page - ON Semiconductor NCP5424DR2 Datasheet HTML 11Page - ON Semiconductor NCP5424DR2 Datasheet HTML 12Page - ON Semiconductor NCP5424DR2 Datasheet HTML 13Page - ON Semiconductor NCP5424DR2 Datasheet HTML 14Page - ON Semiconductor NCP5424DR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP5424
http://onsemi.com
11
commonly used. Powdered iron cores are very suitable due
to its high saturation flux density and have low loss at high
frequencies, a distributed gap and exhibit very low EMI.
The minimum value of inductance which prevents
inductor saturation or exceeding the rated FET current can
be calculated as follows:
LMIN +
(VIN(MIN) * VOUT)VOUT
fSW
VIN(MIN)
ISW(MAX)
where:
LMIN = minimum inductance value;
VIN(MIN) = minimum design input voltage;
VOUT = output voltage;
fSW = switching frequency;
ISW(MAX) − maximum design switch current.
The inductor ripple current can then be determined:
DIL +
VOUT
(1
* D)
L
fSW
where:
DIL = inductor ripple current;
VOUT = output voltage;
L = inductor value;
D = duty cycle.
fSW = switching frequency
The designer can now verify if the number of output
capacitors will provide an acceptable output voltage ripple
(1.0% of output voltage is common). The formula below is
used:
DIL + D
VOUT
ESRMAX
Rearranging we have:
ESRMAX +
DVOUT
DIL
where:
ESRMAX = maximum allowable ESR;
DVOUT = 1.0% × VOUT = maximum allowable output
voltage ripple ( budgeted by the designer );
DIL = inductor ripple current;
VOUT = output voltage.
The number of output capacitors is determined by:
Number of capacitors
+
ESRCAP
ESRMAX
where:
ESRCAP = maximum ESR per capacitor (specified in
manufacturer’s data sheet).
The designer must also verify that the inductor value
yields reasonable inductor peak and valley currents (the
inductor current is a triangular waveform):
IL(PEAK) + IOUT )
DIL
2
where:
IL(PEAK) = inductor peak current;
IOUT = load current;
DIL = inductor ripple current.
IL(VALLEY) + IOUT *
DIL
2
where:
IL(VALLEY) = inductor valley current.
Selection of the Output Capacitors
These components must be selected and placed carefully
to yield optimal results. Capacitors should be chosen to
provide acceptable ripple on the regulator output voltage.
Key specifications for output capacitors are their ESR
(Equivalent Series Resistance), and ESL (Equivalent Series
Inductance). For best transient response, a combination of
low value/high frequency and bulk capacitors placed close
to the load will be required.
In order to determine the number of output capacitors the
maximum voltage transient allowed during load transitions
has to be specified. The output capacitors must hold the
output voltage within these limits since the inductor current
can not change with the required slew rate. The output
capacitors must therefore have a very low ESL and ESR.
The voltage change during the load current transient is:
DVOUT + DIOUT
ESL
Dt )
ESR
)
tTR
COUT
where:
DIOUT / Dt = load current slew rate;
DIOUT = load transient;
Dt = load transient duration time;
ESL = Maximum allowable ESL including capacitors,
circuit traces, and vias;
ESR = Maximum allowable ESR including capacitors
and circuit traces;
tTR = output voltage transient response time.
The designer has to independently assign values for the
change in output voltage due to ESR, ESL, and output
capacitor discharging or charging. Empirical data indicates
that most of the output voltage change (droop or spike
depending on the load current transition) results from the
total output capacitor ESR.
The maximum allowable ESR can then be determined
according to the formula:
ESRMAX +
DVESR
DIOUT
where:
DVESR = change in output voltage due to ESR (assigned
by the designer)
Once the maximum allowable ESR is determined, the
number of output capacitors can be found by using the
formula:
Number of capacitors
+
ESRCAP
ESRMAX
where:
ESRCAP = maximum ESR per capacitor (specified in
manufacturer’s data sheet).
ESRMAX = maximum allowable ESR.


Similar Part No. - NCP5424DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424DR2 ONSEMI-NCP5424DR2 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
More results

Similar Description - NCP5424DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
   Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com