Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5424 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP5424
Description  Dual Synchronous Buck Controller with Input Current Sharing
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5424 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP5424
http://onsemi.com
2
Figure 1. Two−Phase Buck Regulator Application, with Input Current Sharing
C11
1.0
mF
L2
1.3
mH/15 A
GATE(H)1
GATE(L)1
GATE(H)2
GATE(L)2
NCP5424
VCC
BST
GND
Q3
Q4
IS+1
IS−
COMP1
VFB1
IS+2
VFB+2
COMP2
VFB−2
ROSC
MTD60N03
MTD90N02
+ C3/4/5
680
mF/
4 V
R5
5 k
± 1%
C8
.22
mF
R6
10 k
± 1%
C14
0.1
mF
C13
0.01
mF
R12
30.9 k
Q1
Q2
MTD60N03
MTD90N02
L1
1.3
mH/15 A
+
C19/20/21
680
mF/
4 V
12 V
U1
+
+ C17
220
mF
C18
220
mF
3.3 V
R3
x k
± 1%
R4
x k
± 1%
R2
x k
R1
x k
C6
0.1
mF
+
C2
220
mF
C1
220
mF
R17
4 k
5.0 V
+
1.5 V @ 20 A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn