Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5424 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP5424
Description  Dual Synchronous Buck Controller with Input Current Sharing
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5424 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP5424
http://onsemi.com
6
VCC
Set
Dominant
IS+1
PWM
Comparator 1
PWM
Comparator 2
Reset
Dominant
CURRENT
SOURCE
GEN
BST
FAULT
BIAS
R
S
R
S
R
S
RAMP1
GATE(H)1
0.40 V
0.25 V
GND
COMP1
+
+
+
+
COMP2
VFB1
RAMP2
FAULT
Reset
Dominant
GATE(L)1
GATE(H)2
GATE(L)2
VCC
BST
VCC
RAMP1
RAMP2
CLK1
CLK2
OSC
0.40 V
E/A2
E/A OFF
E/A1
E/A OFF
ROSC
Q
1.2 mA
VFB−2
1.0 V
VCC
+
+
IS−
IS+2
8.6 V
70 mV
70 mV
BST
Figure 2. Block Diagram
7.8 V
VFB+2
5
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn