Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5422A Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP5422A
Description  Dual Out−of−Phase Synchronous Buck Controller with Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5422A Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP5422A, NCP5423
http://onsemi.com
2
VFB2
R4
VCC
BST
+
NCP5422A/3
12 V
5.0 k
± 1.0%
1.0
mF
2
× 220 mF
0.1
mF
220
IS−2
ROSC
VFB1
COMP1
L2
MTD3302
GATE(L)1
GATE(H)1
GATE(H)2
GATE(L)2
GND
1
2
3
6
8
7
5
4
13
16
15
14
11
9
12
10
1.5 V/10 A
1.8 V/10 A
0.2
mF
2.0 k
30.9 k
100 pF
1.3
mH
3
× 680 mF/4.0 V
COMP2
IS+2
IS+1
IS−1
C8−C10
C1−C2
D2
D1
C3
Q5
C5
C4
0.2
mF
Q1
2.0 k
0.1
mF
R3
R7
R8
R9
R6
C16
C6
Q2
MTD3302
MTD3302
MTD3302
Q3
Q4
C7
0.1
mF
R1
R2
R5
MA3180
R10
2N3904
MBR0530T MBR0530T1
3
× 680 mF/4.0 V
C11−C13
+
2.0 k
2.0 k
C17
10 k
± 1.0%
10 k
±1.0%
100 PF
8.0 k
± 1.0%
C14
L1
1.3
mH
+
C15
0.1
mF
18 V
Figure 1. Application Diagram, 12 V to 1.5 V/10 A and 1.8 V/10 A Converter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn