Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV27 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BYV27
Description  Ultra fast low-loss controlled avalanche rectifiers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV27 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYV27 Datasheet HTML 1Page - NXP Semiconductors BYV27 Datasheet HTML 2Page - NXP Semiconductors BYV27 Datasheet HTML 3Page - NXP Semiconductors BYV27 Datasheet HTML 4Page - NXP Semiconductors BYV27 Datasheet HTML 5Page - NXP Semiconductors BYV27 Datasheet HTML 6Page - NXP Semiconductors BYV27 Datasheet HTML 7Page - NXP Semiconductors BYV27 Datasheet HTML 8Page - NXP Semiconductors BYV27 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1997 Nov 24
5
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYV27 series
GRAPHICAL DATA
BYV27-50 to 200
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
MGA849
100
T
( C)
o
tp
0
I F(AV)
(A)
1.6
1.2
0.8
0.4
2.0
20
15
10 lead length (mm)
BYV27-300 and 400
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.3
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
MLC293
100
T
( C)
o
tp
0
I F(AV)
(A)
1.6
1.2
0.8
0.4
2.0
lead length 10 mm
Fig.4
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
BYV27-500 and 600
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
handbook, halfpage
0
200
0
1
2
3
IF(AV)
(A)
100
Ttp (°C)
MGK648
lead length 10 mm
BYV27-50 to 200
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig. 25.
Switched mode application.
Fig.5
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
0
MGA848
100
I F(AV)
(A)
T
( C)
amb
o
1.6
1.2
0.8
0.4
2.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn