Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5316 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5316
Description  Four/Five/Six?뭁hase Buck CPU Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5316 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5316_06 Datasheet HTML 6Page - ON Semiconductor NCP5316_06 Datasheet HTML 7Page - ON Semiconductor NCP5316_06 Datasheet HTML 8Page - ON Semiconductor NCP5316_06 Datasheet HTML 9Page - ON Semiconductor NCP5316_06 Datasheet HTML 10Page - ON Semiconductor NCP5316_06 Datasheet HTML 11Page - ON Semiconductor NCP5316_06 Datasheet HTML 12Page - ON Semiconductor NCP5316_06 Datasheet HTML 13Page - ON Semiconductor NCP5316_06 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
NCP5316
http://onsemi.com
10
PIN DESCRIPTION (continued)
Pin No.
Description
Pin Name
Pin Symbol
44
ILIM
Total Current Limit
Resistor divider between VREF and ground programs the average
current limit.
45
IOF
Average Inductor Current
Input
Connect a low pass filter from the 10 pin to the 10F pin to provide
average inductor current information.
46
IO
Inductor Current Output
Output of the sum of inductor current.
47
VREF
Reference
3.3 V reference voltage output.
48
VCCL
Logic Power Supply
Power supply input for IC logic. Must be tied to VCC.


Similar Part No. - NCP5316_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316FTR2 ONSEMI-NCP5316FTR2 Datasheet
355Kb / 32P
   Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
NCP5316MNR2 ONSEMI-NCP5316MNR2 Datasheet
355Kb / 32P
   Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
More results

Similar Description - NCP5316_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316 ONSEMI-NCP5316 Datasheet
355Kb / 32P
   Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3430 ONSEMI-ADP3430 Datasheet
373Kb / 26P
   2??to 3?뭁hase Synchronous Buck Controller
July, 2009 ??Rev. 2
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com