Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5314 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5314
Description  Two/Three/Four?뭁hase Buck CPU Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5314 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5314 Datasheet HTML 1Page - ON Semiconductor NCP5314 Datasheet HTML 2Page - ON Semiconductor NCP5314 Datasheet HTML 3Page - ON Semiconductor NCP5314 Datasheet HTML 4Page - ON Semiconductor NCP5314 Datasheet HTML 5Page - ON Semiconductor NCP5314 Datasheet HTML 6Page - ON Semiconductor NCP5314 Datasheet HTML 7Page - ON Semiconductor NCP5314 Datasheet HTML 8Page - ON Semiconductor NCP5314 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 10
1
Publication Order Number:
NCP5314/D
NCP5314
Two/Three/Four−Phase
Buck CPU Controller
The NCP5314 provides full−featured and flexible control for the
latest high−performance CPUs. The IC can be programmed as a two−,
three− or four−phase buck controller, and the per−phase switching
frequency can be as high as 1.2 MHz. Combined with external gate
drivers and power components, the controller implements a compact,
highly integrated multi−phase buck converter.
Enhanced V2
™ control inherently compensates for variations in
both line and load, and achieves current sharing between phases. This
control scheme provides the industry’s fastest transient response,
reducing the need for large banks of output capacitors and higher
switching frequency.
The controller meets VR(M)10.x specifications with all the required
functions and protection features.
Features
Switching Regulator Controller
Programmable 2/3/4 Phase Operation
Lossless Current Sensing
Enhanced V2 Control Method Provides Fast Transient Response
Programmable Up to 1.2 MHz Switching Frequency Per Phase
0 to 100% Adjustment of Duty Cycle
Programmable Adaptive Voltage Positioning Reduces Output
Capacitor Requirements
Programmable Soft−Start
Current Sharing
Differential Current Sense Pins for Each Phase
Current Sharing Within 10% Between Phases
Protection Features
Programmable Pulse−by−Pulse Current Limit for Each Phase
“111110” and “111111” DAC Code Fault
Latching Off Overvoltage Protection
Programmable Latching Overcurrent Protection
Undervoltage Lockout
External Enable Control
Three−State MOSFET Driver Control through Driver−On Signal
System Power Management
6−Bit DAC with 0.5% Tolerance Compatible with VR(M)10.x
Specification
Programmable Lower Power Good Threshold
Power Good Output
Pb−Free Package is Available
http://onsemi.com
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAMS
32 PIN QFN
MN SUFFIX
CASE 485J
(Bottom View)
32
NCP5314
AWLYYWW
1
LQFP−32
FTB SUFFIX
CASE 873A
NCP5314
AWLYYWWG
32
1
ILIM
ROSC
VCC
GATE1
GATE2
GATE3
GATE4
GND
VID2
VID3
VID4
PWRLS
VFFB
SS
PWRGD
DRVON
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
PIN CONNECTIONS
Device
Package
Shipping
ORDERING INFORMATION
NCP5314MNR2
32 Pin QFN
2500 Tape & Reel
2000 Tape & Reel
NCP5314FTR2
LQFP−32
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
2000 Tape & Reel
NCP5314FTR2G
LQFP−32
(Pb−Free)


Similar Part No. - NCP5314

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP5314 ONSEMI-NCP5314 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5314FTR2 ONSEMI-NCP5314FTR2 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP5314MNR2 ONSEMI-NCP5314MNR2 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
More results

Similar Description - NCP5314

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
NCP5316 ONSEMI-NCP5316 Datasheet
355Kb / 32P
   Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
   Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com