Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5218MNR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5218MNR2G
Description  2?뭝n?? Notebook DDR Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5218MNR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5218MNR2G Datasheet HTML 6Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 7Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 8Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 9Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 10Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 11Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 12Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 13Page - ON Semiconductor NCP5218MNR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
NCP5218
http://onsemi.com
10
Figure 9. VDDQ Output Voltage
vs. Input Voltage
Figure 10. VDDQ Output Voltage
vs. VDDQ Output Current
Figure 11. VTT Output Voltage (DDR)
vs. VTT Output Current
Figure 12. VTT Output Voltage (DDR2)
vs. VTT Output Current
Figure 13. VTTR Output Voltage (DDR)
vs. VTTR Output Current
Figure 14. VTTR Output Voltage (DDR2)
vs. VTTR Output Current
TYPICAL OPERATING CHARACTERISTICS
1.780
1.785
1.790
1.795
1.800
1.805
0
5
10
15
25
VIN, INPUT VOLTAGE (V)
20
1.790
1.795
1.800
1.805
1.810
02
4
6
10
IVDDQ, VDDQ OUTPUT CURRENT (A)
8
1.21
1.22
1.23
1.24
1.25
1.26
−3.0
−2.0
−1.0
0.0
3.0
IVTT, VTT OUTPUT CURRENT (A)
1.0
1.240
1.245
1.250
1.255
1.260
0
5
10
15
IVTTR, VTTR OUTPUT CURRENT (mA)
1.810
1.815
1.820
IVDDQ = 100 mA
IVDDQ = 10 A
VDDQ = 1.8 V
S0 Mode
TA = 25°C
VIN = 24 V
VDDQ = 1.8 V
TA = 25°C
VIN = 5 V
2.0
1.27
1.28
1.29
VIN = 24 V
VDDQ = 2.5 V
TA = 25°C
VIN = 5 V
0.86
0.87
0.88
0.89
0.90
0.91
−1.5 −1.0 −0.5
0.0
1.5
IVTT, VTT OUTPUT CURRENT (A)
0.5
1.0
0.92
0.93
0.94
VIN = 24 V
VDDQ = 1.8 V
TA = 25°C
VIN = 5 V
−2.0
2.0
VIN = 24 V
VDDQ = 2.5 V
TA = 25°C
VIN = 5 V
0.890
0.895
0.900
0.905
0.910
0
5
10
15
IVTTR, VTTR OUTPUT CURRENT (mA)
VIN = 24 V
VDDQ = 1.8 V
TA = 25°C
VIN = 5 V


Similar Part No. - NCP5218MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5210MNR2 ONSEMI-NCP5210MNR2 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5210MNR2G ONSEMI-NCP5210MNR2G Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5210MNR2G ONSEMI-NCP5210MNR2G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NCP5211 ONSEMI-NCP5211 Datasheet
124Kb / 13P
   Low Voltage Synchronous Buck Controller
April, 2006 ??Rev. 0
More results

Similar Description - NCP5218MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5214A ONSEMI-NCP5214A Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
NCP5214 ONSEMI-NCP5214 Datasheet
89Kb / 14P
   2-in-1 Notebook DDR Power Controller
April, 2005 ??Rev. P0
NCP5203 ONSEMI-NCP5203 Datasheet
69Kb / 10P
   2-in-1 DDR Power Controller
January, 2005 ??Rev. 1
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com