Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT34C02-10TE-2.7 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT34C02-10TE-2.7
Description  Two-wire Serial EEPROM with Permanent Software Write Protect
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02-10TE-2.7 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT34C02-10TE-2.7 Datasheet HTML 5Page - ATMEL Corporation AT34C02-10TE-2.7 Datasheet HTML 6Page - ATMEL Corporation AT34C02-10TE-2.7 Datasheet HTML 7Page - ATMEL Corporation AT34C02-10TE-2.7 Datasheet HTML 8Page - ATMEL Corporation AT34C02-10TE-2.7 Datasheet HTML 9Page - ATMEL Corporation AT34C02-10TE-2.7 Datasheet HTML 10Page - ATMEL Corporation AT34C02-10TE-2.7 Datasheet HTML 11Page - ATMEL Corporation AT34C02-10TE-2.7 Datasheet HTML 12Page - ATMEL Corporation AT34C02-10TE-2.7 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
AT34C02
0958Q–SEEPR–1/07
Device Addressing
The 2K EEPROM device requires an 8-bit device address word following a start condi-
tion to enable the chip for a read or write operation (see Figure 8 on page 12).
The device address word consists of a mandatory one-zero sequence for the first four
most-significant bits (1010) for normal read and write operations and 0110 for writing to
the write protect register.
The next 3 bits are the A2, A1 and A0 device address bits for the AT34C02 EEPROM.
These 3 bits must compare to their corresponding hard-wired input pins.
The eighth bit of the device address is the read/write operation select bit. A read opera-
tion is initiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is
not made, the chip will return to a standby state. The device will not acknowledge if the
write protect register has been programmed and the control code is 0110.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the
device address word and acknowledgment. Upon receipt of this address, the EEPROM
will again respond with a zero and then clock in the first 8-bit data word. Following
receipt of the 8-bit data word, the EEPROM will output a zero and the addressing
device, such as a microcontroller, must terminate the write sequence with a stop condi-
tion. At this time the EEPROM enters an internally-timed write cycle, tWR, to the
nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will
not respond until the write is complete (see Figure 9 on page 12).
The device will acknowledge a write command, but not write the data, if the software or
hardware write protection has been enabled. The write cycle time must be observed
even when the write protection is enabled.
PAGE WRITE: The 2K device is capable of 16-byte page write.
A page write is initiated the same as a byte write, but the microcontroller does not send
a stop condition after the first data word is clocked in. Instead, after the EEPROM
acknowledges receipt of the first data word, the microcontroller can transmit up to fifteen
more data words. The EEPROM will respond with a zero after each data word received.
The microcontroller must terminate the page write sequence with a stop condition (see
Figure 10 on page 13).
The data word address lower four bits are internally incremented following the receipt of
each data word. The higher data word address bits are not incremented, retaining the
memory page row location. When the word address, internally generated, reaches the
page boundary, the following byte is placed at the beginning of the same page. If more
than sixteen data words are transmitted to the EEPROM, the data word address will “roll
over” and previous data will be overwritten. The address “roll over” during write is from
the last byte of the current page to the first byte of the same page.
The device will acknowledge a write command, but not write the data, if the software or
hardware write protection has been enabled. The write cycle time must be observed
even when the write protection is enabled.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves send-
ing a start condition followed by the device address word. The read/write bit is
representative of the operation desired. Only if the internal write cycle has completed
will the EEPROM respond with a zero allowing the read or write sequence to continue.


Similar Part No. - AT34C02-10TE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02-10TC ATMEL-AT34C02-10TC Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10TC-1.8 ATMEL-AT34C02-10TC-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10TC-2.7 ATMEL-AT34C02-10TC-2.7 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10TI ATMEL-AT34C02-10TI Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10TI-1.8 ATMEL-AT34C02-10TI-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
More results

Similar Description - AT34C02-10TE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
   EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com