Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5173 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5173
Description  1.5 A 560 kHz??.0 MHz Boost Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5173 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5173 Datasheet HTML 1Page - ON Semiconductor NCP5173 Datasheet HTML 2Page - ON Semiconductor NCP5173 Datasheet HTML 3Page - ON Semiconductor NCP5173 Datasheet HTML 4Page - ON Semiconductor NCP5173 Datasheet HTML 5Page - ON Semiconductor NCP5173 Datasheet HTML 6Page - ON Semiconductor NCP5173 Datasheet HTML 7Page - ON Semiconductor NCP5173 Datasheet HTML 8Page - ON Semiconductor NCP5173 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 2
1
Publication Order Number:
MC74HC14A/D
NCP5173
1.5 A 560 kHz−1.0 MHz
Boost Regulator
The NCP5173 is a switching regulator with a high efficiency, 1.5 A
integrated switch. It runs at a base frequency of 560 kHz and can be
synchronized to an external clock up to 1.0 MHz. This part operates
over a wide input voltage range, from 2.7 V to 30 V. The flexibility of
the design allows the chip to operate in most power supply
configurations, including boost, flyback, forward, inverting, and
SEPIC. The IC uses current mode architecture, which allows excellent
load and line regulation, as well as a practical means for limiting
current. Combining high frequency operation with a highly integrated
regulator circuit results in an extremely compact power supply
solution. The circuit design includes provisions for features such as
frequency synchronization, shutdown, and feedback controls for
positive voltage regulation.
Features
Integrated Power Switch: 1.5 A Guaranteed
Wide Input Range: 2.7 V to 30 V
High Frequency Allows for Small Components
Minimum External Components
Easy External Synchronization
Built−in Overcurrent Protection
Frequency Foldback Reduces Component Stress During an
Overcurrent Condition
Thermal Shutdown with Hysteresis
Low 1.0 mm Maximum Profile
Shut Down Current: 50 mA Maximum
Applications
Flat Panel Displays
Systems Requiring Low Profile Components
http://onsemi.com
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
NCP5173MN
QFN
95 Units/Rail
NCP5173MNR2
QFN
2500 Tape & Reel
NCP5173 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
5x6 QFN
MN SUFFIX
CASE 505AC
NOTE: Thermal pad is electrically isolated from IC
and all pins.
NCP5173
AWLYYWW
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NCP5173

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCP5173MN ONSEMI-NCP5173MN Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCP5173MNR2 ONSEMI-NCP5173MNR2 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
More results

Similar Description - NCP5173

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
   Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
   1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com