Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5007SNT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5007SNT1G
Description  Compact Backlight LED Boost Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5007SNT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5007SNT1G Datasheet HTML 1Page - ON Semiconductor NCP5007SNT1G Datasheet HTML 2Page - ON Semiconductor NCP5007SNT1G Datasheet HTML 3Page - ON Semiconductor NCP5007SNT1G Datasheet HTML 4Page - ON Semiconductor NCP5007SNT1G Datasheet HTML 5Page - ON Semiconductor NCP5007SNT1G Datasheet HTML 6Page - ON Semiconductor NCP5007SNT1G Datasheet HTML 7Page - ON Semiconductor NCP5007SNT1G Datasheet HTML 8Page - ON Semiconductor NCP5007SNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NCP5007
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply
Vbat
6.0
V
Output Power Supply Voltage Compliance
Vout
28
V
Digital Input Voltage
Digital Input Current
EN
−0.3
v Vin v Vbat +0.3
1.0
V
mA
ESD Capability (Note 1)
Human Body Model (HBM)
Machine Model (MM)
VESD
2.0
200
kV
V
TSOP5 Package
Power Dissipation @ TA = +85°C (Note 2)
Thermal Resistance, Junction−to−Air
PD
RqJA
160
250
mW
°C/W
Operating Ambient Temperature Range
TA
−25 to +85
°C
Operating Junction Temperature Range
TJ
−25 to +125
°C
Maximum Junction Temperature
TJmax
+150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM)
"2.0 kV per JEDEC standard: JESD22−A114
Machine Model (MM)
"200 V per JEDEC standard: JESD22−A115
2. The maximum package power dissipation limit must not be exceeded.
3. Latchup current maximum rating:
"100 mA per JEDEC standard: JESD78.
4. Moisture Sensivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.
POWER SUPPLY SECTION (Typical values are referenced to Ta = +25°C, Min & Max values are referenced −25°C to +85°C ambient
temperature, unless otherwise noted.)
Rating
Pin
Symbol
Min
Typ
Max
Unit
Power Supply
4
Vbat
2.7
5.5
V
Output Load Voltage Compliance
5
Vout
22
24.5
V
Continuous DC Current in the Load
@ Vout = 3
LED, L = 22
mH, ESR < 1.5 W, Vbat = 3.6 V
5
Iout
50
mA
Standby Current @ Iout = 0 mA, EN = L, Vbat = 3.6 V
4
Istdb
0.45
mA
Standby Current @ Iout = 0 mA, EN = L, Vbat = 5.5 V
4
Istdb
1.0
3.0
mA
Inductor Discharging Time @ Vbat = 3.6 V, L = 22 mH, 3
LED,
Iout = 10 mA
4
Toffmax
320
ns
Thermal Shutdown Protection
TSD
160
°C
Thermal Shutdown Protection Hysteresis
TSDH
30
°C


Similar Part No. - NCP5007SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5007SNT1G ONSEMI-NCP5007SNT1G Datasheet
157Kb / 22P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 4
NCP5007SNT1G ONSEMI-NCP5007SNT1G Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
More results

Similar Description - NCP5007SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5007 ONSEMI-NCP5007 Datasheet
157Kb / 22P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 4
NCP5006 ONSEMI-NCP5006 Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com