Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5010 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5010
Description  500 mW Boost Converter for White LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5010 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5010_06 Datasheet HTML 6Page - ON Semiconductor NCP5010_06 Datasheet HTML 7Page - ON Semiconductor NCP5010_06 Datasheet HTML 8Page - ON Semiconductor NCP5010_06 Datasheet HTML 9Page - ON Semiconductor NCP5010_06 Datasheet HTML 10Page - ON Semiconductor NCP5010_06 Datasheet HTML 11Page - ON Semiconductor NCP5010_06 Datasheet HTML 12Page - ON Semiconductor NCP5010_06 Datasheet HTML 13Page - ON Semiconductor NCP5010_06 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP5010
http://onsemi.com
10
LED Current Selection
The feedback resistor (RFB) determines the average
maximum current through the LED string. The control loop
regulated the current such that the average voltage at the FB
input is 500 mV (nom). For example, should one need a
20 mA output current in the primary branch, RFB should be
selected according to the following equation:
RFB +
FBV
IOUT
+ 500 mV
20 mA
+ 25 W
In white LED applications it is desirable to operate the
LEDs at a specific operating current as the color will shift
as the bias current is changed. As a result of this effect, it
is recommended to dim the LED string by a pulse width
modulation techniques. A low frequency PWM signal can
be applied to the CTRL input and by varying the duty cycle
the brightness of the LED can be changed. To avoid any
optical flicker, the frequency must be higher than 100 Hz
and preferably less than 1 kHz. Due to the soft−start
function set at 600
ms (nom) with higher frequency the
device remains active but the brightness can decrease.
Nevertheless in this case, a dimming control using a
filtered PWM signal (See Figure 33) can be used. Also for
DC voltage control the same technique is suitable and the
filter is takes away.
Inductor Selection
To choose the inductor there are three different electrical
parameters that need to be considered, the absolute value
of the inductor, the saturation current and the DCR. In
normal operation, this device is intended to operate in
Continuous Conduction Mode (CCM) so the following
equation below can be used to calculate the peak current:
IPEAK +
IOUT
h(1 * D)
)
VIND
2LF
In the equation above, VIN is the battery voltage, IOUT is
the load current, L the inductor value, F the switching
frequency, and the duty cycle D is given by:
D
+ 1 * VIN
VOUT
h is the global converter efficiency which can vary with
load current (see Figure 3 thru Figure 8). A good
approximation is to use
h = 0.8. Figure 24 − Figure 26 are
a graphical representation of the above equations, as a
function of the desired IOUT, VIN, and number of LEDs in
series (VF = 3.5 V nominal). The curves are limited to an
IPEAK_MAX of 300 mA. It is important to analyze this at
worst case Vf conditions to ensure that the inductor current
rated is high enough such that it not saturate.
The recommended inductor value should range between
10
mH and 22 mH. As can be seen from the curves, as the
inductor size is reduced, the peak current for a given set of
conditions increases along with higher current ripple so it
is not possible to deliver maximum output power at lower
inductor values.
50
100
150
200
250
300
10
20
30
40
50
60
70
80
L = 10
mH
V IN = 3.1 V
IN = 4.2 V
Figure 24. Peak Inductor Currents vs. IOUT (mA)
@ 3 LEDs, 10.5 V
L = 15
mH
L = 22
mH
V
IOUT (mA)
50
100
150
200
250
300
10
20
30
40
50
60
70
80
L = 15
mH
Figure 25. Peak Inductor Currents vs. IOUT (mA)
@ 4 LEDs, 14 V
V IN = 3.1 V
IN = 4.2 V
V
L = 22
mH
L = 10
mH
IOUT (mA)
50
100
150
200
250
300
10
20
30
40
50
60
70
80
Figure 26. Peak Inductor Currents vs. IOUT (mA)
@ 5 LEDs, 17.5 V
L = 15
mH
V IN = 3.1 V
IN = 4.2 V
V
L = 22
mH
L = 10
mH
IOUT (mA)


Similar Part No. - NCP5010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010FCT1G ONSEMI-NCP5010FCT1G Datasheet
177Kb / 18P
   500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
More results

Similar Description - NCP5010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010 ONSEMI-NCP5010 Datasheet
177Kb / 18P
   500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
logo
Advanced Analog Technol...
AAT1500 AAT-AAT1500 Datasheet
288Kb / 14P
   CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
logo
List of Unclassifed Man...
AAT1500 ETC1-AAT1500 Datasheet
570Kb / 11P
   CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
[Old version datasheet]   High Efficiency Boost for White LEDs
logo
PCA ELECTRONICS INC.
EPC1198-X PCA-EPC1198-X_15 Datasheet
36Kb / 1P
   500 mW DC/DC Converter
EPC1195G-X PCA-EPC1195G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
EPC1197-X PCA-EPC1197-X Datasheet
32Kb / 1P
   500 mW DC/DC Converter
EPC1198-X PCA-EPC1198-X Datasheet
33Kb / 1P
   500 mW DC/DC Converter
EPC1194G-X PCA-EPC1194G-X_15 Datasheet
37Kb / 1P
   500 mW DC/DC Converter
EPC1193G-X PCA-EPC1193G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com