Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5010 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5010
Description  500 mW Boost Converter for White LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5010 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5010_06 Datasheet HTML 3Page - ON Semiconductor NCP5010_06 Datasheet HTML 4Page - ON Semiconductor NCP5010_06 Datasheet HTML 5Page - ON Semiconductor NCP5010_06 Datasheet HTML 6Page - ON Semiconductor NCP5010_06 Datasheet HTML 7Page - ON Semiconductor NCP5010_06 Datasheet HTML 8Page - ON Semiconductor NCP5010_06 Datasheet HTML 9Page - ON Semiconductor NCP5010_06 Datasheet HTML 10Page - ON Semiconductor NCP5010_06 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NCP5010
http://onsemi.com
7
Figure 15. Typical Skip Mode Threshold vs. VIN
(COUT = 1 mF X5R 25 V)
Figure 16. Typical VOUT Ripple in OVP Conditions
1 VOUT, 500 mV/div, AC 3 VOUT, 5 V/div, DC
Figure 17. Continuous Current Mode (CCM)
1 SW, 5 V/div DC, 4 ILED, 50 mA/div, DC, IOUT = 15 mA
Figure 18. Discontinuous Current Mode (DCM)
1 SW, 5 V/div DC, 4 ILED, 50 mA/div, DC, IOUT = 1 mA
TYPICAL OPERATING CHARACTERISTICS
Figure 19. Startup for LED Operating, 4 LEDS
RBF = 22 W, 1 CTRL, 2 V/div DC, 2 FB, 500 mV/div DC,
4 IL 100 mA/div, T = 100 ms/div
Figure 20. Duty Cycle Control Waveforms
1 CTRL, 2 V/div DC, 2 FB, 500 mV/div DC,
4 IL 100 mA/div, T = 1 ms/div
0
1
2
3
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
3 LEDs
4 LEDs
5 LEDs


Similar Part No. - NCP5010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010FCT1G ONSEMI-NCP5010FCT1G Datasheet
177Kb / 18P
   500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
More results

Similar Description - NCP5010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010 ONSEMI-NCP5010 Datasheet
177Kb / 18P
   500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
logo
Advanced Analog Technol...
AAT1500 AAT-AAT1500 Datasheet
288Kb / 14P
   CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
logo
List of Unclassifed Man...
AAT1500 ETC1-AAT1500 Datasheet
570Kb / 11P
   CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
[Old version datasheet]   High Efficiency Boost for White LEDs
logo
PCA ELECTRONICS INC.
EPC1198-X PCA-EPC1198-X_15 Datasheet
36Kb / 1P
   500 mW DC/DC Converter
EPC1195G-X PCA-EPC1195G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
EPC1197-X PCA-EPC1197-X Datasheet
32Kb / 1P
   500 mW DC/DC Converter
EPC1198-X PCA-EPC1198-X Datasheet
33Kb / 1P
   500 mW DC/DC Converter
EPC1194G-X PCA-EPC1194G-X_15 Datasheet
37Kb / 1P
   500 mW DC/DC Converter
EPC1193G-X PCA-EPC1193G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com