Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5006 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5006
Description  Compact Backlight LED Boost Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5006 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5006_06 Datasheet HTML 4Page - ON Semiconductor NCP5006_06 Datasheet HTML 5Page - ON Semiconductor NCP5006_06 Datasheet HTML 6Page - ON Semiconductor NCP5006_06 Datasheet HTML 7Page - ON Semiconductor NCP5006_06 Datasheet HTML 8Page - ON Semiconductor NCP5006_06 Datasheet HTML 9Page - ON Semiconductor NCP5006_06 Datasheet HTML 10Page - ON Semiconductor NCP5006_06 Datasheet HTML 11Page - ON Semiconductor NCP5006_06 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NCP5006
http://onsemi.com
8
Output Current Range Set−Up
The current regulation is achieved by means of an external sense resistor connected in series with the LED string.
CONTROLLER
GND
3
FB
GND
1
Vout
D1
Q1
Figure 8. Output Current Feedback
Vbat
L1
22
mH
R1
x
W
The current flowing through the LED creates a voltage
drop across the sense resistor R1. The voltage drop is
constantly monitored internally, and maximum peak
current allowed in the inductor is set accordingly in order
to keep constant this voltage drop (and thus the current
flowing through the LED). For example, should one need
a 10 mA output current, the sense resistor should be sized
according to the following equation:
R1 +
Feedback Threshold
Iout
+ 200 mV
10 mA
+ 20 W
(eq. 9)
A standard 5% tolerance resistor, 22
W SMD device,
yields 9.09 mA, good enough to fulfill the back light
demand. The typical application schematic diagram is
provided in Figure 9.
Figure 9. Basic Schematic Diagram
GND
EN
2
1
5
Vout
Vbat
NCP5006
L1
22
mH
Vbat
C1
4.7
mF
GND
D6
D5
D4
D3
U1
4
D2
GND
3
GND
R1
22
W
D1
MBR0530
GND
C2
1.0
mF
FB
Pulse
LWT67C LWT67C LWT67C LWT67C LWT67C


Similar Part No. - NCP5006_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
More results

Similar Description - NCP5006_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5007 ONSEMI-NCP5007 Datasheet
157Kb / 22P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 4
NCP5007 ONSEMI-NCP5007_06 Datasheet
167Kb / 21P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 4
NCP5006 ONSEMI-NCP5006 Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com