Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP4300A Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP4300A
Description  Dual Operational Amplifier and Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP4300A Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP4300A
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to GND)
VCC
36
V
ESD Protection Voltage at any Pin (Human Body Model)
VESD
2.0 K (min)
V
Op−Amp 1 and 2 Input Voltage Range (Pins 2, 5, 6)
VIR
−0.6 to VCC +0.6
V
Op−Amp 2 Input Differential Voltage Range (Pins 5, 6)
VIDR
VCC to GND
V
Voltage Reference Cathode Current (Pin 3)
IK
100
mA
Maximum Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
0 to 105
°C
Storage Temperature Range
Tstg
−55 to 150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
155
°C/W
Thermal Resistance, Junction−to−Case
RqJC
45
°C/W
TYPICAL ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Total Supply Current, excluding Current in the Voltage Reference
VCC = 5.0 V, no load; 0°C v TA v 105°C
ICC
0.42
0.8
mA
Op−Amp 1 (Op−amp with non−inverting input connected to the internal Vref)
(VCC = 5.0 V, Vout = 1.4 V, TA = 25°C, unless otherwise noted)
Input Offset Voltage
TA = 25°C
TA = 0°C to 105°C
VIO
0.5
2.0
3.0
mV
Input Offset Voltage Temperature Coefficient
TA = 0°C to 105°C
DVIO/DT
7.0
mV/°C
Input Bias Current (Inverting input only)
TA = 25°C
TA = 0°C to 105°C
IIB
−50
−150
−150
nA
Large Signal Voltage Gain (VCC = 15 V, RL = 2.0 kW, Vout = 1.4 V to 11.4 V)
TA = 25°C
TA = 0°C to 105°C
AVOL
50
25
100
V/mV
Power Supply Rejection (VCC = 5.0 V to 30 V)
PSRR
40
90
dB
Output Source Current (VCC = 15 V, Vout = 2.0 V, VID = +1.0 V)
IO+
10
16
mA
Output Sink Current (VCC = 15 V, Vout = 2.0 V, VID = −1.0 V)
IO−
10
25
mA
Output Voltage Swing, High (VCC = 30 V, RL = 10 kW, VID = +1.0 V)
TA = 25°C
TA = 0°C to 105°C
VOH
27
27
28
V
Output Voltage Swing, Low (RL = 10 kW, VID = −1.0 V)
TA = 25°C
TA = 0°C to 105°C
VOL
17
100
100
mV
Slew Rate (Vin = 0.5 to 2.0 V, VCC = 15 V, RL = 2.0 kW, Av = 1.0, CL = 100 pF)
SR
0.3
0.5
V/
ms
Unity Gain Bandwidth (VCC = 30 V, RL = 2.0 kW, CL = 100 pF, Vin = 0.5 Vpp @
f = 70 kHz)
BW
0.3
0.7
MHz
Total Harmonic Distortion (f = 1.0 kHz, AV = 10, RL = 2.0 kW, VCC = 30 V,
Vout = 2.0 VPP)
THD
0.02
%


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn