Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3418APDR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3418APDR2
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418APDR2 Datasheet(HTML) 9 Page - ON Semiconductor

  NCP3418APDR2 Datasheet HTML 1Page - ON Semiconductor NCP3418APDR2 Datasheet HTML 2Page - ON Semiconductor NCP3418APDR2 Datasheet HTML 3Page - ON Semiconductor NCP3418APDR2 Datasheet HTML 4Page - ON Semiconductor NCP3418APDR2 Datasheet HTML 5Page - ON Semiconductor NCP3418APDR2 Datasheet HTML 6Page - ON Semiconductor NCP3418APDR2 Datasheet HTML 7Page - ON Semiconductor NCP3418APDR2 Datasheet HTML 8Page - ON Semiconductor NCP3418APDR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NCP3418, NCP3418A
http://onsemi.com
9
PACKAGE DIMENSIONS
SOIC−8 EP
CASE 751AC−01
ISSUE B
H
C
0.10
D
E1
A
D
PIN ONE
2 X
8 X
SEATING
PLANE
EXPOSED
GAUGE
PLANE
14
5
8
D
C
0.10
A−B
2 X
E
B
e
C
0.10
2 X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
DETAIL A
END VIEW
SECTION A−A
8 X
b
A−B
0.25
D
C
C
C
0.10
C
0.20
A
A2
G
F
1
4
58
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS (ANGLES
IN DEGREES).
3. DIMENSION b DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE
0.08 MM TOTAL IN EXCESS OF THE “b”
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
4. DATUMS A AND B TO BE DETERMINED
AT DATUM PLANE H.
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.00
0.10
A2
1.35
1.65
b
0.31
0.51
b1
0.28
0.48
c
0.17
0.25
c1
0.17
0.23
D
4.90 BSC
E
6.00 BSC
e
1.27 BSC
L
0.40
1.27
L1
1.04 REF
F
2.24
3.20
G
1.55
2.51
h
0.25
0.50
q
0
8
h
AA
DETAIL A
(b)
b1
c
c1
0.25
L
(L1)
q
PAD
E1
3.90 BSC
_
_
A1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
LOCATION
Exposed
Pad
1.52
0.060
2.03
0.08
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
7.0
0.275
2.72
0.107
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NCP3418/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP3418APDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418APDR2 ONSEMI-NCP3418APDR2 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418APDR2 ONSEMI-NCP3418APDR2 Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
More results

Similar Description - NCP3418APDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com