Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8515-4PC Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT90S8515-4PC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8515-4PC Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT90S8515-4PC Datasheet HTML 36Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 37Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 38Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 39Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 40Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 41Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 42Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 43Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
40
AT90S8515
0841G–09/01
The TEMP register is also used when accessing TCNT1, OCR1A and OCR1B. If the
main program and interrupt routines perform access to registers using TEMP, interrupts
must be disabled during access from the main program (and from interrupt routines if
interrupts are allowed from within interrupt routines).
Timer/Counter1 in PWM Mode
When the PWM mode is selected, Timer/Counter1, the Output Compare Register1A
(OCR1A) and the Output Compare Register1B (OCR1B) form a dual 8-, 9- or 10-bit,
free-running, glitch-free and phase-correct PWM with outputs on the PD5(OC1A) and
OC1B pins. Timer/Counter1 acts as an up/down counter, counting up from $0000 to
TOP (see Table 11), where it turns and counts down again to zero before the cycle is
repeated. When the counter value matches the contents of the 10 least significant bits of
OCR1A or OCR1B, the PD5(OC1A)/OC1B pins are set or cleared according to the set-
tings of the COM1A1/COM1A0 or COM1B1/COM1B0 bits in the Timer/Counter1 Control
Register (TCCR1A). Refer to Table 12 for details.
Note:
X = A or B
Note that in the PWM mode, the 10 least significant OCR1A/OCR1B bits, when written,
are transferred to a temporary location. They are latched when Timer/Counter1 reaches
the value TOP. This prevents the occurrence of odd-length PWM pulses (glitches) in the
event of an unsynchronized OCR1A/OCR1B write. See Figure 32 for an example.
Table 11. Timer TOP Values and PWM Frequency
PWM Resolution
Timer TOP Value
Frequency
8-bit
$00FF (255)
f
TCK1/510
9-bit
$01FF (511)
fTCK1/1022
10-bit
$03FF(1023)
f
TCK1/2046
Table 12. Compare1 Mode Select in PWM Mode
COM1X1
COM1X0
Effect on OCX1
0
0
Not connected
0
1
Not connected
10
Cleared on compare match, up-counting. Set on compare match,
down-counting (non-inverted PWM).
11
Cleared on compare match, down-counting. Set on compare match,
up-counting (inverted PWM).


Similar Part No. - AT90S8515-4PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8515-4PC ATMEL-AT90S8515-4PC Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
More results

Similar Description - AT90S8515-4PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com