Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S8515-4PC Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT90S8515-4PC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8515-4PC Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT90S8515-4PC Datasheet HTML 80Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 81Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 82Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 83Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 84Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 85Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 86Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 87Page - ATMEL Corporation AT90S8515-4PC Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
84
AT90S8515
0841G–09/01
Bit 5 = SPIEN Fuse bit
Bit 0 = FSTRT Fuse bit
Bit 7- 6, 4- 1 = “1”. These bits are reserved and should be left unprogrammed (“1”).
3.
Give WR a t
WLWH_PFB-wide negative pulse to execute the programming,
t
WLWH_PFB is found in Table 30. Programming the Fuse bits does not generate
any activity on the RDY/BSY pin.
Programming the Lock Bits
The algorithm for programming the Lock bits is as follows (refer to “Programming the
Flash” on page 81 for details on command and data loading):
1.
A: Load Command “0010 0000”.
2.
D: Load Data Low Byte. Bit n = “0” programs the Lock bit.
Bit 2 = Lock Bit2
Bit 1 = Lock Bit1
Bit 7 - 3, 0 = “1”. These bits are reserved and should be left unprogrammed (“1”).
3.
E: Write Data Low Byte.
The Lock bits can only be cleared by executing Chip Erase.
Reading the Fuse and Lock
Bits
The algorithm for reading the Fuse and Lock bits is as follows (refer to “Programming
the Flash” on page 81 for details on Command loading):
1.
A: Load Command “0000 0100”.
2.
Set OE to “0”, and BS to “1”. The status of the Fuse and Lock bits can now be
read at DATA (“0” means programmed).
Bit 7 = Lock Bit1
Bit 6 = Lock Bit2
Bit 5 = SPIEN Fuse bit
Bit 0 = FSTRT Fuse bit
3.
Set OE to “1”.
Observe that BS needs to be set to “1”.
Reading the Signature Bytes
The algorithm for reading the signature bytes is as follows (refer to “Programming the
Flash” on page 81 for details on command and address loading):
1.
A: Load Command “0000 1000”.
2.
C: Load Address Low Byte ($00 - $02).
Set OE to “0”, and BS to “0”. The selected signature byte can now be read at DATA.
3.
Set OE to “1”.


Similar Part No. - AT90S8515-4PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8515-4PC ATMEL-AT90S8515-4PC Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
More results

Similar Description - AT90S8515-4PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com