Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV2100 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BYV2100
Description  Fast soft-recovery controlled avalanche rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BYV2100 Datasheet(HTML) 4 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1996 Oct 07
4
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifier
BYV2100
GRAPHICAL DATA
Switched mode application.
a = 1.42;
δ = 0.5; VR =VRRMmax.
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
3
IF(AV)
(A)
2
1
0
200
100
Ttp (°C)
MGD737
Switched mode application.
a = 1.42;
δ = 0.5; V
R =VRRMmax.
Device mounted as shown in Fig.12.
Fig.3
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
2.0
0
0.4
0.8
1.2
1.6
100
MGD738
IF(AV)
(A)
Tamb (°C)
a=IF(RMS)/IF(AV); δ = 0.5; VR =VRRMmax.
Fig.4
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
0
3
P
(W)
2
1
0
1
a = 3
2
1.42
2
IF(AV) (A)
3
MGD739
2.5
1.57
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.5
Maximum forward voltage as a function of
forward current.
handbook, halfpage
0
6
IF
(A)
4
2
0
2
1
VF (V)
MGD740


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn