Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S2313 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT90S2313
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2313 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT90S2313_02 Datasheet HTML 40Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 41Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 42Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 43Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 44Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 45Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 46Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 47Page - ATMEL Corporation AT90S2313_02 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
44
AT90S2313
0839I–AVR–06/02
found to be logical “1”s, the start bit is rejected as a noise spike and the receiver starts
looking for the next 1-to-0 transition.
If, however, a valid start bit is detected, sampling of the data bits following the start bit is
performed. These bits are also sampled at samples 8, 9 and 10. The logical value found
in at least two of the three samples is taken as the bit value. All bits are shifted into the
Transmitter Shift Register as they are sampled. Sampling of an incoming character is
shown in Figure 36.
Figure 36. Sampling Received Data
When the stop bit enters the Receiver, the majority of the three samples must be “1” to
accept the stop bit. If two or more samples are logical “0”s, the Framing Error (FE) Flag
in the UART Status Register (USR) is set. Before reading the UDR Register, the user
should always check the FE bit to detect Framing Errors.
Whether or not a valid stop bit is detected at the end of a character-reception cycle, the
data is transferred to UDR and the RXC Flag in USR is set. UDR is in fact two physically
separate registers; one for transmitted data and one for received data. When UDR is
read, the Receive Data Register is accessed, and when UDR is written, the Transmit
Data Register is accessed. If 9-bit data word is selected (the CHR9 bit in the UART Con-
trol Register [UCR] is set), the RXB8 bit in UCR is loaded with bit 9 in the Transmit Shift
Register when data is transferred to UDR.
If, after having received a character, the UDR Register has not been read since the last
receive, the OverRun (OR) Flag in UCR is set. This means that the last data byte shifted
into the Shift Register could not be transferred to UDR and has been lost. The OR bit is
buffered and is updated when the valid data byte in UDR is read. Thus, the user should
always check the OR bit after reading the UDR Register in order to detect any overruns
if the baud rate is high or CPU load is high.
When the RXEN bit in the UCR Register is cleared (zero), the receiver is disabled. This
means that the PD0 pin can be used as a general I/O pin. When RXEN is set, the UART
Receiver will be connected to PD0, which is forced to be an input pin regardless of the
setting of the DDD0 bit in DDRD. When PD0 is forced to input by the UART, the
PORTD0 bit can still be used to control the pull-up resistor on the pin.
When the CHR9 bit in the UCR Register is set, transmitted and received characters are
nine bits long plus start and stop bits. The ninth data bit to be transmitted is the TXB8 bit
in UCR Register. This bit must be set to the wanted value before a transmission is initi-
ated by writing to the UDR Register. The ninth data bit received is the RXB8 bit in the
UCR Register.


Similar Part No. - AT90S2313_02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313-10 ATMEL-AT90S2313-10 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PC ATMEL-AT90S2313-10PC Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PI ATMEL-AT90S2313-10PI Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10SC ATMEL-AT90S2313-10SC Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10SI ATMEL-AT90S2313-10SI Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results

Similar Description - AT90S2313_02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2323 ATMEL-AT90S2323 Datasheet
983Kb / 64P
   8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com