Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3418 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3418
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3418_06 Datasheet HTML 1Page - ON Semiconductor NCP3418_06 Datasheet HTML 2Page - ON Semiconductor NCP3418_06 Datasheet HTML 3Page - ON Semiconductor NCP3418_06 Datasheet HTML 4Page - ON Semiconductor NCP3418_06 Datasheet HTML 5Page - ON Semiconductor NCP3418_06 Datasheet HTML 6Page - ON Semiconductor NCP3418_06 Datasheet HTML 7Page - ON Semiconductor NCP3418_06 Datasheet HTML 8Page - ON Semiconductor NCP3418_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP3418, NCP3418A
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Value
Unit
Operating Ambient Temperature, TA
0 to 85
°C
Operating Junction Temperature, TJ (Note 1)
0 to 150
°C
Package Thermal Resistance: SO−8
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA (2−Layer Board)
45
123
°C/W
°C/W
Package Thermal Resistance: SO−8 EP
Junction−to−Ambient, RqJA (Note 2)
50
°C/W
Storage Temperature Range, TS
−65 to 150
°C
Lead Temperature Soldering (10 sec): Reflow (SMD styles only)
Standard (Note 3)
Lead Free (Note 4)
240 peak
260 peak
°C
JEDEC Moisture Sensitivity Level
SO−8 (240 peak profile)
SO−8 (260 peak profile)
SO−8 EP (240 peak profile)
SO−8 EP (260 peak profile)
1
1
1
3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Internally limited by thermal shutdown, 150
°C min.
2. Rating applies when soldered to an appropriate thermal area on the PCB.
3. 60 − 180 seconds minimum above 183
°C.
4. 60 − 180 seconds minimum above 237
°C.
NOTE:
This device is ESD sensitive. Use standard ESD precautions when handling.
MAXIMUM RATINGS
Pin Symbol
Pin Name
VMAX
VMIN
VCC
Main Supply Voltage Input
15 V
−0.3 V
BST
Bootstrap Supply Voltage Input
30 V wrt/PGND
35 V
v 50 ns wrt/PGND, 15 V wrt/SW
−0.3 V wrt/SW
SW
Switching Node
(Bootstrap Supply Return)
30 V
−1.0 V DC
−10 V< 200 ns
DRVH
High−Side Driver Output
BST + 0.3 V
35 V
v 50 ns wrt/PGND, 15 V wrt/SW
−0.3 V wrt/SW
DRVL
Low−Side Driver Output
VCC + 0.3 V
−0.3 V DC
−2.0 V < 200 ns
IN
DRVH and DRVL Control Input
VCC + 0.3 V
−0.3 V
OD
Output Disable
VCC + 0.3 V
−0.3 V
PGND
Ground
0 V
0 V
NOTE:
All voltages are with respect to PGND except where noted.


Similar Part No. - NCP3418_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418A ONSEMI-NCP3418A Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418A ONSEMI-NCP3418A Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
NCP3418ADR2 ONSEMI-NCP3418ADR2 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418ADR2 ONSEMI-NCP3418ADR2 Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
NCP3418ADR2G ONSEMI-NCP3418ADR2G Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
More results

Similar Description - NCP3418_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com