Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2860 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP2860
Description  300 mA Very Low Noise, Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2860 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP2860 Datasheet HTML 1Page - ON Semiconductor NCP2860 Datasheet HTML 2Page - ON Semiconductor NCP2860 Datasheet HTML 3Page - ON Semiconductor NCP2860 Datasheet HTML 4Page - ON Semiconductor NCP2860 Datasheet HTML 5Page - ON Semiconductor NCP2860 Datasheet HTML 6Page - ON Semiconductor NCP2860 Datasheet HTML 7Page - ON Semiconductor NCP2860 Datasheet HTML 8Page - ON Semiconductor NCP2860 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP2860
http://onsemi.com
2
PIN DESCRIPTION
Pin
Name
Description
1, 4
OUT
“OUT’’ is the regulator output. A low ESR, bypass capacitor should be connected for stable operation.
2
IN
“IN’’ is the supply input that is connected to the power source (up to 6.0 V). Bypass with a 2.2
mF capacitor.
3
GND
Ground
5
SET
Ground the “SET’’ pin to set the output voltage to 2.77 V. Refer to the “output voltage setting’’ paragraph if you
need to program another value.
6
N.C.
This pin is non−connected.
7
STDWN
If the “STDWN’’ pin is low, the circuit enters the shutdown mode.
8
FAULT
The “FAULT’’ terminal is a high impedance, open drain output. If the circuit is out of regulation, the voltage pin
goes low. Otherwise (normal operation or shutdown mode), this pin is high impedance. Connect the pin to
ground, if unused.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage, Shutdown Pin, Voltage Range (Note 1)
Vinmax
−0.3, +6.0
V
Thermal Resistance (Note 2)
230
°C/W
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
TSmax
− 65 to +150
°C
Lead Temperature (Soldering, 10s)
TLmax
300
°C
ESD Capability
Human Body Model
Machine Model
2.0
200
kV
V
Latchup Capability @ 85
°C
+/−100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The recommended input voltage range for NCP2860 proper operation is 2.7 V to 6.0 V.
2. Circuit being mounted on a board that has no metal oxide traces attached to the leads. The addition of plated copper can lower the thermal
resistance.


Similar Part No. - NCP2860

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP2860 ONSEMI-NCP2860 Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP2860DM277R2 ONSEMI-NCP2860DM277R2 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
More results

Similar Description - NCP2860

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
   300 mA very low dropout linear regulator IC
Rev 8 - March 2021
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com