Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C2051-12SC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89C2051-12SC
Description  8-bit Microcontroller with 2K Bytes Flash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-12SC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89C2051-12SC Datasheet HTML 2Page - ATMEL Corporation AT89C2051-12SC Datasheet HTML 3Page - ATMEL Corporation AT89C2051-12SC Datasheet HTML 4Page - ATMEL Corporation AT89C2051-12SC Datasheet HTML 5Page - ATMEL Corporation AT89C2051-12SC Datasheet HTML 6Page - ATMEL Corporation AT89C2051-12SC Datasheet HTML 7Page - ATMEL Corporation AT89C2051-12SC Datasheet HTML 8Page - ATMEL Corporation AT89C2051-12SC Datasheet HTML 9Page - ATMEL Corporation AT89C2051-12SC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
0368G–MICRO–6/05
AT89C2051
7.
Restrictions on Certain Instructions
The AT89C2051 and is an economical and cost-effective member of Atmel’s growing family of
microcontrollers. It contains 2K bytes of Flash program memory. It is fully compatible with the
MCS-51 architecture, and can be programmed using the MCS-51 instruction set. However,
there are a few considerations one must keep in mind when utilizing certain instructions to pro-
gram this device.
All the instructions related to jumping or branching should be restricted such that the destination
address falls within the physical program memory space of the device, which is 2K for the
AT89C2051. This should be the responsibility of the software programmer. For example, LJMP
7E0H would be a valid instruction for the AT89C2051 (with 2K of memory), whereas LJMP 900H
would not.
7.1
Branching Instructions
LCALL, LJMP, ACALL, AJMP, SJMP, JMP @A+DPTR – These unconditional branching
instructions will execute correctly as long as the programmer keeps in mind that the destination
branching address must fall within the physical boundaries of the program memory size (loca-
tions 00H to 7FFH for the 89C2051). Violating the physical space limits may cause unknown
program behavior.
CJNE [...], DJNZ [...], JB, JNB, JC, JNC, JBC, JZ, JNZ – With these conditional branching
instructions the same rule above applies. Again, violating the memory boundaries may cause
erratic execution.
For applications involving interrupts the normal interrupt service routine address locations of the
80C51 family architecture have been preserved.
7.2
MOVX-related Instructions, Data Memory
The AT89C2051 contains 128 bytes of internal data memory. Thus, in the AT89C2051 the stack
depth is limited to 128 bytes, the amount of available RAM. External DATA memory access is
not supported in this device, nor is external PROGRAM memory execution. Therefore, no MOVX
[...] instructions should be included in the program.
A typical 80C51 assembler will still assemble instructions, even if they are written in violation of
the restrictions mentioned above. It is the responsibility of the controller user to know the physi-
cal features and limitations of the device being used and adjust the instructions used
correspondingly.
8.
Program Memory Lock Bits
On the chip are two lock bits which can be left unprogrammed (U) or can be programmed (P) to
obtain the additional features listed in the Table 8-1.
Note:
1. The Lock Bits can only be erased with the Chip Erase operation.
Table 8-1.
Lock Bit Protection Modes(1)
Program Lock Bits
LB1
LB2
Protection Type
1
U
U
No program lock features
2
P
U
Further programming of the Flash is disabled
3
P
P
Same as mode 2, also verify is disabled


Similar Part No. - AT89C2051-12SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C2051-12SC ATMEL-AT89C2051-12SC Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
AT89C2051-12SC ATMEL-AT89C2051-12SC Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89C2051-12SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com