Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89C2051-12PC Datasheet(PDF) 16 Page - ATMEL Corporation

Part No. AT89C2051-12PC
Description  8-bit Microcontroller with 2K Bytes Flash
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89C2051-12PC Datasheet(HTML) 16 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
0368G–MICRO–6/05
AT89C2051
27. Ordering Information
27.1
Standard Package
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
12
2.7V to 6.0V
AT89C2051-12PC
AT89C2051-12SC
20P3
20S
Commercial
(0
°C to 70°C)
AT89C2051-12PI
AT89C2051-12SI
20P3
20S
Industrial
(-40
°C to 85°C)
24
4.0V to 6.0V
AT89C2051-24PC
AT89C2051-24SC
20P3
20S
Commercial
(0
°C to 70°C)
AT89C2051-24PI
AT89C2051-24SI
20P3
20S
Industrial
(-40
°C to 85°C)
27.2
Green Package Option (Pb/Halide-free)
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
12
2.7V to 6.0V
AT89C2051-12PU
AT89C2051-12SU
20P3
20S
Industrial
(-40
°C to 85°C)
24
4.0V to 6.0V
AT89C2051-24PU
AT89C2051-24SU
20P3
20S
Industrial
(-40
°C to 85°C)
Package Type
20P3
20-lead, 0.300” Wide, Plastic Dual In-line Package (PDIP)
20S
20-lead, 0.300” Wide, Plastic Gull Wing Small Outline (SOIC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn