Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89C2051-12PC Datasheet(PDF) 11 Page - ATMEL Corporation

Part No. AT89C2051-12PC
Description  8-bit Microcontroller with 2K Bytes Flash
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89C2051-12PC Datasheet(HTML) 11 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
0368G–MICRO–6/05
AT89C2051
Note:
1.
Only used in 12-volt programming mode.
15. Flash Programming and Verification Waveforms
14. Flash Programming and Verification Characteristics
T
A = 0°C to 70°C, VCC = 5.0 ± 10%
Symbol
Parameter
Min
Max
Units
V
PP
Programming Enable Voltage
11.5
12.5
V
I
PP
Programming Enable Current
250
µA
tDVGL
Data Setup to PROG Low
1.0
µs
t
GHDX
Data Hold after PROG
1.0
µs
t
EHSH
P3.4 (ENABLE) High to V
PP
1.0
µs
tSHGL
VPP Setup to PROG Low
10
µs
t
GHSL
V
PP Hold after PROG
10
µs
t
GLGH
PROG Width
1
110
µs
tELQV
ENABLE Low to Data Valid
1.0
µs
t
EHQZ
Data Float after ENABLE
01.0
µs
t
GHBL
PROG High to BUSY Low
50
ns
tWC
Byte Write Cycle Time
2.0
ms
t
BHIH
RDY/BSY\ to Increment Clock Delay
1.0
µs
t
IHIL
Increment Clock High
200
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn