Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1800 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1800
Description  Single-Cell Lithium Ion Battery Charge Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1800 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1800 Datasheet HTML 1Page - ON Semiconductor NCP1800 Datasheet HTML 2Page - ON Semiconductor NCP1800 Datasheet HTML 3Page - ON Semiconductor NCP1800 Datasheet HTML 4Page - ON Semiconductor NCP1800 Datasheet HTML 5Page - ON Semiconductor NCP1800 Datasheet HTML 6Page - ON Semiconductor NCP1800 Datasheet HTML 7Page - ON Semiconductor NCP1800 Datasheet HTML 8Page - ON Semiconductor NCP1800 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCP1800
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued)
(TA = 25°C for typical values, −20°C < TA < 85 °C for min/max values, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Charge Disable Threshold Voltage (ICOMP = 100 mA min.)
VCDIS
0.08
V
VCC Overvoltage Lockout
VOVLO
6.95
7.20
7.45
V
Hysteresis of VCC Overvoltage Lockout (VOVLO),TA = 25°C
90
150
180
mV
Hysteresis of VCC Overvoltage Lockout (VOVLO) Temperature Coefficient
0.39
%/
°C
VSNS Overvoltage Lockout
NCP1800DM41
NCP1800DM42
VSOVLO
4.3
4.4
4.4
4.5
4.5
4.6
V
Hysteresis of VSNS Overvoltage Lockout (VSOVLO), TA = 25°C
40
70
100
mV
Hysteresis of VSNS Overvoltage Lockout (VSOVLO) Temperature Coefficient
TA = 25°C
0.52
%/
°C
Full−Charge Current Range with RSNS = 0.4 W
IREG1
600
1000
mA
Full−Charge Current Range with RSNS = 0.8 W
IREG2
300
600
mA
Battery Drain Current (VSNS + ISNS)
VCC = Ground, VSNS = 4.2 V
IBDRN
0.5
mA
CFLG Pin Output Low Voltage (CFLG = LOW, ICFLG = 5.0 mA)
VCFLGL
0.35
V
CFLG Pin Leakage Current (CFLG = HIGH)
ICFLGH
0.1
mA


Similar Part No. - NCP1800

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41 ONSEMI-NCP1800DM41 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM42 ONSEMI-NCP1800DM42 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM42R2 ONSEMI-NCP1800DM42R2 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
More results

Similar Description - NCP1800

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Shenzhen Huazhimei Semi...
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
   single-cell lithium-ion battery charge
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3621 NSC-LM3621 Datasheet
334Kb / 14P
   Single Cell Lithium-Ion Battery Charger Controller
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
   Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
   Single-cell lithium-ion battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com