Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1800 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1800
Description  Single-Cell Lithium Ion Battery Charge Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1800 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1800 Datasheet HTML 2Page - ON Semiconductor NCP1800 Datasheet HTML 3Page - ON Semiconductor NCP1800 Datasheet HTML 4Page - ON Semiconductor NCP1800 Datasheet HTML 5Page - ON Semiconductor NCP1800 Datasheet HTML 6Page - ON Semiconductor NCP1800 Datasheet HTML 7Page - ON Semiconductor NCP1800 Datasheet HTML 8Page - ON Semiconductor NCP1800 Datasheet HTML 9Page - ON Semiconductor NCP1800 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP1800
http://onsemi.com
6
0
100
Figure 9. Battery Drain Current versus
Battery Voltage
Figure 10. Pre−Charge Current
versus Current Programming Resistor
Figure 11. Full−Charge Current versus
Current Programming Resistor
Figure 12. VEOC/VFCHG versus Current
Programming Resistor
1000
100
10
RISEL, CURRENT PROGRAMMING RESISTANCE (kW)
1000
0.11
300
250
200
125
100
50
25
RISEL, CURRENT PROGRAMMING RESISTANCE (kW)
0.03
0.02
0.01
4.1
3.7
3.5
3.3
2.9
2.7
2.5
VSNS, BATTERY VOLTAGE (V)
1000
100
10
1
1000
RISEL, CURRENT PROGRAMMING RESISTANCE (kW)
100
10
0.2
0.48
0.32
0.24
3.1
3.9
0.28
0.44
0.36
0.40
VCC = 0
VCC = 5 V
VSNS = 2.5 V
RSNS = 0.4 W
CALCULATED
MEASURED
VCC = 5 V
VSNS = 3.6 V
RSNS = 0.4 W
CALCULATED
MEASURED
VCC = 5 V
RSNS = 0.4 W
0.06
0.05
0.04
0.07
0.10
0.09
0.08
75
150 175
225
275
IPCHG +
(1.19
12e3)
(10
RISEL
RSNS)
IREG +
(1.19
12e3)
(RISEL
RSNS)
16
12
8
7
6
5
0
250
Figure 13. Input Supply Current versus Input
Supply Voltage
VCC, INPUT SUPPLY VOLTAGE (V)
200
150
50
100
VSNS = 4.7 V
VSOVLO Activated
11
10
915
14
13
VSNS < VSOVLO
IREG = 0 A


Similar Part No. - NCP1800

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41 ONSEMI-NCP1800DM41 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM42 ONSEMI-NCP1800DM42 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM42R2 ONSEMI-NCP1800DM42R2 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
More results

Similar Description - NCP1800

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Shenzhen Huazhimei Semi...
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
   single-cell lithium-ion battery charge
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3621 NSC-LM3621 Datasheet
334Kb / 14P
   Single Cell Lithium-Ion Battery Charger Controller
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
   Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
   Single-cell lithium-ion battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com