Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1653AP Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1653AP
Description  Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653AP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1653AP Datasheet HTML 2Page - ON Semiconductor NCP1653AP Datasheet HTML 3Page - ON Semiconductor NCP1653AP Datasheet HTML 4Page - ON Semiconductor NCP1653AP Datasheet HTML 5Page - ON Semiconductor NCP1653AP Datasheet HTML 6Page - ON Semiconductor NCP1653AP Datasheet HTML 7Page - ON Semiconductor NCP1653AP Datasheet HTML 8Page - ON Semiconductor NCP1653AP Datasheet HTML 9Page - ON Semiconductor NCP1653AP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
6
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
2.0
2.2
2.4
2.6
2.8
3.0
−50
0
25
50
75
100
125
−25
IFB, FEEDBACK PIN CURRENT (mA)
1
1.5
2
2.5
50
100
150
200
250
0
TJ, JUNCTION TEMPERATURE (°C)
100
102
104
106
108
110
112
−50
0
25
50
75
100
125
−25
114
116
120
TJ = 25°C
0
0.5
118
TJ = −40°C
TJ = 125°C
Figure 7. Regulation Block
Figure 8. Regulation Block Ratio vs.
Temperature
0
0.5
1
1.5
2
3
100
120
140
160
180
200
220
IFB, FEEDBACK CURRENT (mA)
TJ = 25°C
2.5
TJ = 125°C
TJ = −40°C
Figure 9. Maximum Control Voltage vs.
Temperature
Figure 10. Feedback Pin Voltage vs.
Temperature
Figure 11. Feedback Pin Voltage vs. Feedback
Current
Figure 12. Overvoltage Protection Ratio
vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
90
91
92
93
94
95
96
−50
0
25
50
75
100
125
−25
97
98
99
100
TJ, JUNCTION TEMPERATURE (°C)
1
1.5
2
2.5
−25
0
25
100
125
−50
0
0.5
IFB = 200 mA
2.1
2.3
2.5
2.7
2.9
50
75
IFB = 100 mA


Similar Part No. - NCP1653AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653AP ONSEMI-NCP1653AP Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653APG ONSEMI-NCP1653APG Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653APG ONSEMI-NCP1653APG Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
More results

Similar Description - NCP1653AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20115 RENESAS-R2A20115 Datasheet
143Kb / 1P
   Continuous Conduction Mode PFC IC
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com