Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1650DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1650DR2G
Description  Power Factor Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1650DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1650DR2G Datasheet HTML 1Page - ON Semiconductor NCP1650DR2G Datasheet HTML 2Page - ON Semiconductor NCP1650DR2G Datasheet HTML 3Page - ON Semiconductor NCP1650DR2G Datasheet HTML 4Page - ON Semiconductor NCP1650DR2G Datasheet HTML 5Page - ON Semiconductor NCP1650DR2G Datasheet HTML 6Page - ON Semiconductor NCP1650DR2G Datasheet HTML 7Page - ON Semiconductor NCP1650DR2G Datasheet HTML 8Page - ON Semiconductor NCP1650DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
NCP1650
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (Unless otherwise noted: VCC = 14 volts, CT = 470 pF, C2 = 0.1 mF, TJ = 25°C for
typical values. For min/max values TJ is the applicable junction temperature.)
Characteristic
Symbol
Min
Typ
Max
Unit
POWER ERROR AMPLIFIER (Vcomp = 2.0 V, Vref = 2.5 V)
Input Offset Voltage (Note 3)
VIO
20
mV
Transconductance
gm
60
100
150
umho
Output Source (Vref + 0.2 V)
IOsource
10
20
mA
Output Sink (Vref − 0.2 V)
IOsink
−10
−20
mA
Boost Current (Vref = 2.5 V nominal)
Source Boost Current Threshold
Vfb(boost+)
1.175
V/V
Sink Boost Current Threshold
Vfb(boost−)
0.825
V/V
Source Boost Current (1.3 X Vref)
I(boost+)
150
250
mA
Sink Boost Current
I(boost−)
−150
−285
mA
AC ERROR AMPLIFIER
Input Offset Voltage (Note 3)
VIO
20
mV
Transconductance
gm
60
100
150
umho
Output Source (Pin 4 = 4 V, Pin 5 = 0 V)
IOsource
25
70
mA
Output Sink (Pin 4 = 0 V, Pin 5 = 4 V)
IOsink
−25
−70
mA
AC Inverting Input Clamp Voltage (250
mA) (TJ = 25°C)
Vclamp
4.30
4.45
4.60
V
AC Inverting Input Clamp Voltage (250
mA) (TJ = −40°C to +125°C)
Vclamp
3.70
4.60
V
Gain from ACcomp to PWM+ (Av = VPWM+ / (VACcomp – Voffset)) (Note 3)
AV
2.0
V/V
CURRENT SENSE AMPLIFIER
Input Bias Current (Pin 11)
Ibias
−40
−50
−80
mA
Differential Input Voltage Range (Note 3)
VIdiff
−0.20
V
Input Offset Voltage
VIO
0
2.5
5.0
mV
Output Gain (150
mA/0.150 V) (Voltage Loop Outputs) (Note 3)
Av
1000
umho
Output Gain (150
mA/0.150 V) (Max Pwr Output) (R10 = 15 kW) (Note 3)
Av
1000
umho
Bandwidth (Note 3)
funity
1.5
MHz
PWM Output Voltage Gain (k = VPWM+ / Vsense−) (Pin 13 = Open)
(TJ = −40°C to + 125°C)
Av
12.9
15
17
V/V
Current Limit Voltage Gain (k = Vace/a / Vsense−) (Vpin5 = 0, R10 = 15 k)
Av
13
15
17
V/V
Power Output Voltage Gain (k = Vpin10 / Vsense−) (TJ = −40°C to + 125°C)
k
13.4
15
17
V/V
Current Limit Threshold (Vpin5 = 0, Pin 13 = Open)
ILIMthr
225
270
315
mV
Current Limit Delay (0 to –450 mV Step) (Note 3)
ILIMdelay
300
nS
REFERENCE MULTIPLIER
Dynamic Input Voltage Range
Ac Input (p−input) (Note 3)
Compensation Input (a−input) (Note 3)
Offset Voltage (a−input)
Vmax
3.75
1.0
V
Multiplier Gain
(Note 3)
k
+
Vmult out
(VAC Vramp pk)
(VLOOPcomp * Voffset)
k
8.0
1.0/V
3. Verified by design.


Similar Part No. - NCP1650DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1650DR2G ONSEMI-NCP1650DR2G Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
More results

Similar Description - NCP1650DR2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com