Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C46 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT93C46
Description  Three-wire Serial EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT93C46_05 Datasheet HTML 1Page - ATMEL Corporation AT93C46_05 Datasheet HTML 2Page - ATMEL Corporation AT93C46_05 Datasheet HTML 3Page - ATMEL Corporation AT93C46_05 Datasheet HTML 4Page - ATMEL Corporation AT93C46_05 Datasheet HTML 5Page - ATMEL Corporation AT93C46_05 Datasheet HTML 6Page - ATMEL Corporation AT93C46_05 Datasheet HTML 7Page - ATMEL Corporation AT93C46_05 Datasheet HTML 8Page - ATMEL Corporation AT93C46_05 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
AT93C46/56/66
0172Z–SEEPR–9/05
Note:
The Xs in the address field represent DON’T CARE values and must be clocked.
Notes:
1. This device is not recommended for new designs. Please refer to AT93C56A.
2. This device is not recommended for new designs. Please refer to AT93C66A.
Table 5. Instruction Set for the AT93C46
Instruction
SB
Op
Code
Address
Data
Comments
x 8
x 16
x 8
x 16
READ
1
10
A6 – A0
A5 – A0
Reads data stored in memory, at
specified address
EWEN
1
00
11XXXXX
11XXXX
Write enable must precede all
programming modes
ERASE
1
11
A6 – A0
A5 – A0
Erases memory location An – A0
WRITE
1
01
A6 – A0
A5 – A0
D7 – D0
D15 – D0
Writes memory location An – A0
ERAL
1
00
10XXXXX
10XXXX
Erases all memory locations. Valid
only at VCC = 4.5V to 5.5V
WRAL
1
00
01XXXXX
01XXXX
D7 – D0
D15 – D0
Writes all memory locations. Valid
only at V
CC = 4.5V to 5.5V
EWDS
1
00
00XXXXX
00XXXX
Disables all programming instructions
Table 6. Instruction Set for the AT93C56
(1) and AT93C66(2)
Instruction
SB
Op
Code
Address
Data
Comments
x 8
x 16
x 8
x 16
READ
1
10
A8 – A0
A7 – A0
Reads data stored in memory, at
specified address
EWEN
1
00
11XXXXXXX
11XXXXXX
Write enable must precede all
programming modes
ERASE
1
11
A8 – A0
A7 – A0
Erases memory location An – A0
WRITE
1
01
A
8 – A0
A
7 – A0
D
7 – D0
D
15 – D0
Writes memory location A
n– A0
ERAL
1
00
10XXXXXXX
10XXXXXX
Erases all memory locations. Valid
only at VCC = 4.5V to 5.5V
WRAL
1
00
01XXXXXXX
01XXXXXX
D
7 – D0
D
15 – D0
Writes all memory locations. Valid
only at V
CC = 5.0V ±10% and Disable
Register cleared
EWDS
1
00
00XXXXXXX
00XXXXXX
Disables all programming instructions


Similar Part No. - AT93C46_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C46_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_07 Datasheet
552Kb / 14P
   Three-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com