Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8353ACPZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8353ACPZ-REEL7
Description  1 MHz to 2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8353ACPZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD8353ACPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8353ACPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8353ACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8353ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8353ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8353ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8353ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8353ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8353ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8353
Rev. B | Page 4 of 16
VS = 5 V, TA = 25°C, no external inductor between RFOUT and VPOS, ZO = 50 Ω, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
1
2700
MHz
Gain
f = 900 MHz
19.5
dB
f = 1.9 GHz
17.6
dB
f = 2.7 GHz
15.7
dB
Delta Gain
f = 900 MHz, −40°C ≤ TA ≤ +85°C
−0.96
dB
f = 1.9 GHz, −40°C ≤ TA ≤ +85°C
−1.18
dB
f = 2.7 GHz, −40°C ≤ TA ≤ +85°C
−1.38
dB
Gain Supply Sensitivity
VPOS ± 10%, f = 900 MHz
0.09
dB/V
f = 1.9 GHz
−0.01
dB/V
f = 2.7 GHz
−0.09
dB/V
Reverse Isolation (S12)
f = 900 MHz
−35.4
dB
f = 1.9 GHz
−34.6
dB
f = 2.7 GHz
−30.2
dB
RF INPUT INTERFACE
Pin RFIN
Input Return Loss
f = 900 MHz
22.9
dB
f = 1.9 GHz
21.7
dB
f = 2.7 GHz
11.5
dB
RF OUTPUT INTERFACE
Pin RFOUT
Output Compression Point
f = 900 MHz
8.3
dBm
f = 1.9 GHz
8.1
dBm
f = 2.7 GHz
7.5
dBm
Delta Compression Point
f = 900 MHz, −40°C ≤ TA ≤ +85°C
−1.05
dB
f = 1.9 GHz, −40°C ≤ TA ≤ +85°C
−1.49
dB
f = 2.7 GHz, −40°C ≤ TA ≤ +85°C
−1.33
dB
Output Return Loss
f = 900 MHz
27
dB
f = 1.9 GHz
22
dB
f = 2.7 GHz
14.3
dB
DISTORTION/NOISE
Output Third-Order Intercept
f = 900 MHz, ∆f = 1 MHz, PIN = −28 dBm
22.8
dBm
f = 1.9 GHz, ∆f = 1 MHz, PIN = −28 dBm
20.6
dBm
f = 2.7 GHz, ∆f = 1 MHz, PIN = −28 dBm
19.5
dBm
Output Second-Order Intercept
f = 900 MHz, ∆f = 1 MHz, PIN = −28 dBm
30.3
dBm
Noise Figure
f = 900 MHz
5.6
dB
f = 1.9 GHz
6.3
dB
f = 2.7 GHz
7.1
dB
POWER INTERFACE
Pin VPOS
Supply Voltage
4.5
5
5.5
V
Total Supply Current
35
42
52
mA
Supply Voltage Sensitivity
4.3
mA/V
Temperature Sensitivity
−40°C ≤ TA ≤ +85°C
45.7
μA/°C


Similar Part No. - AD8353ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8353ACPZ-REEL7 AD-AD8353ACPZ-REEL7 Datasheet
345Kb / 16P
   RF Gain Block
More results

Similar Description - AD8353ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com