Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7516 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 3Page - Analog Devices ADT7516 Datasheet HTML 4Page - Analog Devices ADT7516 Datasheet HTML 5Page - Analog Devices ADT7516 Datasheet HTML 6Page - Analog Devices ADT7516 Datasheet HTML 7Page - Analog Devices ADT7516 Datasheet HTML 8Page - Analog Devices ADT7516 Datasheet HTML 9Page - Analog Devices ADT7516 Datasheet HTML 10Page - Analog Devices ADT7516 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 7 of 44
TIMING DIAGRAMS
SCL
t4
t2
t1
t3
t5
t6
SDA
DATA IN
SDA
DATA OUT
Figure 2. I2C Bus Timing Diagram
t1
t2
t3
t5
t6
t4
t7
t8
D7
CS
SCLK
DIN
DOUT
D6
D5
D4
D3
D2
D1
D0
X
X
X
XXXX
X
X
XX
X
XXXX
D7
D6
D5
D4
D3
D2
D1
D0
Figure 3. SPI Bus Timing Diagram
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
200µA
IOL
Figure 4. Load Circuit for Access Time and Bus Relinquish Time
4.7kΩ
4.7kΩ
VDD
TO DAC
OUTPUT
200pF
Figure 5. Load Circuit for DAC Outputs


Similar Part No. - ADT7516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ-REEL7 AD-ADT7516ARQ-REEL7 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
More results

Similar Description - ADT7516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com