Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7516 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 5 Page - Analog Devices

  ADT7516_06 Datasheet HTML 1Page - Analog Devices ADT7516_06 Datasheet HTML 2Page - Analog Devices ADT7516_06 Datasheet HTML 3Page - Analog Devices ADT7516_06 Datasheet HTML 4Page - Analog Devices ADT7516_06 Datasheet HTML 5Page - Analog Devices ADT7516_06 Datasheet HTML 6Page - Analog Devices ADT7516_06 Datasheet HTML 7Page - Analog Devices ADT7516_06 Datasheet HTML 8Page - Analog Devices ADT7516_06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 5 of 44
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
ON-CHIP REFERENCE
Reference Voltage4
2.2662
2.28
2.2938
V
Temperature Coefficient4
80
ppm/°C
OUTPUT CHARACTERISTICS4
Output Voltage6
0.001
VDD − 0.1
V
This is a measure of the minimum and maximum
drive capability of the output amplifier
DC Output Impedance
0.5
Ω
Short Circuit Current
25
mA
VDD = 5 V
16
mA
VDD = 3 V
Power-Up Time
2.5
μs
Coming out of power-down mode, VDD = 5 V
5
μs
Coming out of power-down mode, VDD = 3.3 V
DIGITAL INPUTS4
Input Current
±1
μA
VIN = 0 V to VDD
VIL, Input Low Voltage
0.8
V
VIH, Input High Voltage
1.89
V
Pin Capacitance
3
10
pF
All digital inputs
SCL, SDA Glitch Rejection
50
ns
Input filtering suppresses noise spikes of less
than 50 ns
LDAC Pulse Width
20
ns
Edge triggered input
DIGITAL OUTPUT
Digital High Voltage, VOH
2.4
V
ISOURCE = ISINK = 200 μA
Output Low Voltage, VOL
0.4
V
IOL = 3 mA
Output High Current, IOH
1
mA
VOH = 5 V
Output Capacitance, COUT
50
pF
INT/INT Output Saturation Voltage
0.8
V
IOUT = 4 mA
I2C TIMING CHARACTERISTICS7, 8
Serial Clock Period, t1
2.5
μs
Fast mode I2C, see Figure 2
Data In Setup Time to SCL High, t2
50
ns
Data Out Stable after SCL Low, t3
0
ns
See Figure 2
SDA Low Setup Time to SCL
Low (Start Condition), t4
50
ns
See Figure 2
SDA High Hold Time after SCL
High (Stop Condition), t5
50
ns
See Figure 2
SDA and SCL Fall Time, t6
300
ns
See Figure 2
SDA and SCL Rise Time, t7
3009
ns
See Figure 2
SPI TIMING CHARACTERISTICS4, 10
CS to SCLK Setup Time, t1
0
ns
See Figure 3
SCLK High Pulse Width, t2
50
ns
See Figure 3
SCLK Low Pulse Width, t3
50
ns
See Figure 3
Data Access Time after SCLK
Falling Edge, t411
35
ns
Data Setup Time Prior to SCLK
Rising Edge, t5
20
ns
See Figure 3
Data Hold Time after SCLK
Rising Edge, t6
0
ns
See Figure 3
CS to SCLK Hold Time, t7
0
μs
See Figure 3
CS to DOUT High Impedance, t8
40
ns
See Figure 3
POWER REQUIREMENTS
VDD
2.7
5.5
V
VDD Settling Time
50
ms
VDD settles to within 10% of its final voltage level
IDD (Normal Mode)12
3
mA
VDD = 3.3 V, VIH = VDD, and VIL = GND
2.2
3
mA
VDD = 5 V, VIH = VDD, and VIL = GND


Similar Part No. - ADT7516_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ-REEL7 AD-ADT7516ARQ-REEL7 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
More results

Similar Description - ADT7516_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com