Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8324JRQZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8324JRQZ-REEL7
Description  3.3 V Upstream Cable Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324JRQZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8324JRQZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8324JRQZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8324JRQZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8324JRQZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8324JRQZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8324JRQZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8324JRQZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8324JRQZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8324JRQZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8324
Rev. A | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4. AD8324 Stress Ratings
Parameter
Rating
Supply Voltage VCC
3.63 V
Input Voltage
VIN+, VIN–
1.5 V p-p
DATEN, SDATA, CLK, SLEEP, TXEN
–0.5 V to +3.63 V
Internal Power Dissipation
QSOP, LFCSP
776 mW
Operating Temperature Range
LFCSP
–40°C to +85°C
QSOP
–25°C to +70°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 5. Thermal Resistance Ratings
Model
θJA
Unit
AD8324JRQ
83.21
°C/W
AD8324ACP
30.42
°C/W
1 Thermal resistance measured on SEMI standard 4-layer board.
2 Thermal resistance measured on SEMI standard 4-layer board, paddle
soldered to board.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD8324JRQZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8324JRQ AD-AD8324JRQ Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8324JRQ-EVAL AD-AD8324JRQ-EVAL Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8324JRQ-REEL AD-AD8324JRQ-REEL Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8324JRQ-REEL7 AD-AD8324JRQ-REEL7 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
More results

Similar Description - AD8324JRQZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. B
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com