Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8325ARU Datasheet(PDF) 10 Page - Analog Devices

Part # AD8325ARU
Description  5 V CATV Line Driver Fine Step Output Power Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8325ARU Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8325ARU Datasheet HTML 6Page - Analog Devices AD8325ARU Datasheet HTML 7Page - Analog Devices AD8325ARU Datasheet HTML 8Page - Analog Devices AD8325ARU Datasheet HTML 9Page - Analog Devices AD8325ARU Datasheet HTML 10Page - Analog Devices AD8325ARU Datasheet HTML 11Page - Analog Devices AD8325ARU Datasheet HTML 12Page - Analog Devices AD8325ARU Datasheet HTML 13Page - Analog Devices AD8325ARU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8325
Differential Inputs
The AD8325-EVAL evaluation board may be driven with a
differential signal in one of two ways. A transformer may be
used to convert a single-ended signal to differential, or a differ­
ential signal source may be used. Figure 7 and the following
paragraphs describe each of these methods.
Single-Ended-to-Differential Input (Figure 7, Option 1)
A TOKO 617DB-A0070 1:1 transformer is preinstalled in the
T3 location of the evaluation board. Install 0
W chip resistors at
R14, R15, and R20, and leave R16 through R19 open. For
50
W differential input impedance, install a 51.1 W resistor at R13.
For 75
W differential input impedance, use a 78.7 W resistor.
In this configuration, the input signal must be applied to the
VIN+ port of the evaluation board. For input impedances other
than 50
W or 75 W, the correct value for R13 can be calculated
using the following equation.
Desired Input Impedance = (R13 1600)
Differential Input (Figure 7, Option 2)
If a differential signal source is available, it may be applied
directly to both the VIN+ and VIN– input ports of the evaluation
board. In this case, 0
W chip resistors should be installed at
locations R16 through R19, and R14, R15, and R20 should be
left open. The equation at the end of the preceding paragraph
can be used to compute the correct value for R13 for any
desired differential input impedance. For differential input
impedances of 75
W or 150 W, the value of R13 will be 78.7 W or
165
W respectively.
DIFF IN
T1
R13
AD8325
DIFFERENTIAL INPUT, OPTION 1
VIN+
DIFFERENTIAL INPUT, OPTION 2
VIN
AD8325
R13
Figure 7. Differential Input Termination Options
Installing the Visual Basic Control Software
To install the “CABDRIVE_25” evaluation board control soft­
ware, close all Windows applications and then run “SETUP.EXE”
located on Disk 1 of the AD8325 Evaluation Software. Follow
the on-screen instructions and insert Disk 2 when prompted to
do so. Enter the path of the directory into which the software
will be installed and select the button in the upper left corner to
complete the installation.
Running the Software
To invoke the control software, go to START -> PROGRAMS
-> CABDRIVE_25, or select the AD8325.EXE icon from the
directory containing the software.
Controlling the Gain/Attenuation of the AD8325
The slide bar controls the AD8325’s gain/attenuation, which is
displayed in dB and in V/V. The gain scales at 0.7526 dB per
LSB with the valid codes being from decimal 0 to 79. The gain
code (i.e., position of the slide bar) is displayed in decimal, binary,
and hexadecimal (see Figure 8).
Transmit Enable, Transmit Disable, and Sleep
The “Transmit Enable” and “Transmit Disable” buttons select
the mode of operation of the AD8325 by controlling the logic
level on the asynchronous TXEN pin. The “Transmit Enable”
button applies a Logic 1 to the TXEN pin putting the AD8325
in forward transmit mode. The “Transmit Disable” button
applies a Logic 0 to the TXEN pin selecting reverse mode, where
the forward signal transmission is disabled while a back termina­
tion of 75
W is maintained. On early revisions of the software,
the “Transmit Enable” and “Transmit Disable” buttons may be
called “Power-Up” and “Power-Down” respectively. Checking
the “Enable SLEEP Mode” box applies a Logic 0 to the asyn­
chronous
SLEEP pin, putting the AD8325 into SLEEP mode.
Memory Section
The “MEMORY” section of the software provides a convenient
way to alternate between two gain settings. The “X->M1” but­
ton stores the current value of the gain slide bar into memory
while the “RM1” button recalls the stored value, returning the
gain slide bar to that level. The “X->M2” and “RM2” buttons
work in the same manner.
–10–
REV. A


Similar Part No. - AD8325ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8325ARU AD-AD8325ARU Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325ARU-REEL AD-AD8325ARU-REEL Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
More results

Similar Description - AD8325ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327 Datasheet
307Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8326 AD-AD8326 Datasheet
475Kb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com