Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8315 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8315
Description  50 dB GSM PA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8315 Datasheet HTML 2Page - Analog Devices AD8315 Datasheet HTML 3Page - Analog Devices AD8315 Datasheet HTML 4Page - Analog Devices AD8315 Datasheet HTML 5Page - Analog Devices AD8315 Datasheet HTML 6Page - Analog Devices AD8315 Datasheet HTML 7Page - Analog Devices AD8315 Datasheet HTML 8Page - Analog Devices AD8315 Datasheet HTML 9Page - Analog Devices AD8315 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8315
Rev. C | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
8
7
6
5
1
2
3
4
AD8315
TOP VIEW
(Not to Scale)
RFIN
ENBL
VSET
FLTR
NC = NO CONNECT
VPOS
VAPC
NC
COMM
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input.
2
ENBL
Connect to VPOS for Normal Operation Connect Pin to Ground for Disable Mode.
3
VSET
Setpoint Input. Nominal input range 0.25 V to 1.4 V.
4
FLTR
Integrator Capacitor. Connect between FLTR and COMM.
5
COMM
Device Common (Ground).
6
NC
No Connection.
7
VAPC
Output. Control voltage for gain control element.
8
VPOS
Positive Supply Voltage: 2.7 V to 5.5 V.


Similar Part No. - AD8315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8315-EVAL AD-AD8315-EVAL Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315ACP-EVAL AD-AD8315ACP-EVAL Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315ACP-EVALZ AD-AD8315ACP-EVALZ Datasheet
447Kb / 22P
   50 dB GSM PA Controller
More results

Similar Description - AD8315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com