Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8307ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8307ARZ
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8307ARZ Datasheet HTML 4Page - Analog Devices AD8307ARZ Datasheet HTML 5Page - Analog Devices AD8307ARZ Datasheet HTML 6Page - Analog Devices AD8307ARZ Datasheet HTML 7Page - Analog Devices AD8307ARZ Datasheet HTML 8Page - Analog Devices AD8307ARZ Datasheet HTML 9Page - Analog Devices AD8307ARZ Datasheet HTML 10Page - Analog Devices AD8307ARZ Datasheet HTML 11Page - Analog Devices AD8307ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8307
Rev. C | Page 8 of 24
VENB
CH 2
VOUT
CH 1
GND
500ns
CH2 2.00V
CH1 200mV
Figure 15. Power-Up Response Time
VENB
CH 2
VOUT
CH 1
GND
500ns
CH2 2.00V
CH1 200mV
Figure 16. Power-Down Response Time
AD8307
0.1µF
VPS = 5.0V
1nF
1nF
52.3Ω
HP8648B
SIGNAL
GENERATOR
RF OUT
OUT
HP8112A
PULSE
GENERATOR
TEK P6139A
10x PROBE
SYNCH OUT
TRIG
NC
INP VPS ENB INT
INM COM OFS OUT
NC
NC = NO CONNECT
87
6
5
23
4
1
TEK744A
SCOPE
Figure 17. Test Setup for Power-Up/Power-Down Response Time
INPUT
SIGNAL
CH2
CH1 GND
2V
VOUT
CH1
CH2
GND
200ns
CH2 1.00V
CH1 500mV
Figure 18. VOUT Rise Time
INPUT
SIGNAL
CH2
2.5V
CH1 GND
VOUT
CH1
CH2
GND
200ns
CH2 1.00V
CH1 500mV
Figure 19. Large Signal Response Time
PULSE MODE IN
10MHz REF CLK
OUT
EXT TRIG
AD8307
0.1µF
VPS = 5.0V
1nF
1nF
52.3Ω
HP8648B
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
RF OUT
HP8112A
PULSE
GENERATOR
TEK P6204
FET PROBE
TRIG
OUT
TRIG
NC
INP VPS ENB INT
INM COM OFS OUT
NC
NC = NO CONNECT
87
6
5
23
4
1
TEK744A
SCOPE
Figure 20. Test Setup for VOUT Pulse Response


Similar Part No. - AD8307ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307AR AD-AD8307AR Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307AR-REEL AD-AD8307AR-REEL Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307AR-REEL7 AD-AD8307AR-REEL7 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
More results

Similar Description - AD8307ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com