Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLB2520 Datasheet(PDF) 2 Page - TOKO, Inc

Part # LLB2520
Description  Wire Wound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLB2520 Datasheet(HTML) 2 Page - TOKO, Inc

  LLB2520 Datasheet HTML 1Page - TOKO, Inc LLB2520 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
1000
10000
100000
1
10
100
1000
Frequency(MHz)
Z
R
X
1
10
100
1000
10000
100000
1
10
100
1000
Frequency(MHz)
Z
R
X
1
10
100
1000
10000
100000
1
10
100
1000
Frequency(MHz)
R
X
Z
1
10
100
1000
10000
100000
1
10
100
1000
Frequency(MHz)
Z
R
X
#FSLB2520-100K (10µH)
F vs. IMPEDANCE CHARACTERISTICS/F vs. インピーダンス特性
Wire Wound Chip Inductors 巻線チップインダクタ
#FSLB2520-1R0M (1µH)
#FSLB2520-220K (22µH)
#FSLB2520-470K (47µH)
(Agilent Technologies 4291A + 16192A)
(Agilent Technologies 4291A + 16192A)
(Agilent Technologies 4291A + 16192A)
Notes R : Resistance
(抵抗)
X : Reactance
(リアクタンス)
Z : Impedance
(インピーダンス)
#FSLB2520-1R0M
1.0
±20%
0.30
480
130
#FSLB2520-1R5M
1.5
±20%
0.38
435
95
#FSLB2520-2R2M
2.2
±20%
0.44
390
75
#FSLB2520-3R3M
3.3
±20%
0.57
340
60
#FSLB2520-4R7M
4.7
±20%
0.68
310
50
#FSLB2520-6R8M
6.8
±20%
0.89
295
40
#FSLB2520-100K
10.0
±10%
1.10
220
33
#FSLB2520-150K
15.0
±10%
1.70
180
28
#FSLB2520-220K
22.0
±10%
2.50
160
23
#FSLB2520-330K
33.0
±10%
3.80
130
18
#FSLB2520-470K
47.0
±10%
5.40
100
15
TYPE LLB2520 (Previous name FSLB2520, Quantity/reel; 2,000 PCS)
東光品番
インダクタンス(1)
直流抵抗(2)
最大許容電流(3)
自己共振周波数
TOKO
Part
Number
Inductance(1)
Lo (µH)
Tolerance
DC
Resistance(2)
(Ω) Max.
Rated DC
Current(3)
(mA) Max.
Self-resonant
Frequency
(MHz) Min.
SELECTION GUIDE FOR STANDARD COILS
(1)Inductance is measured with a LCR meter 4291A (∗)
Test frequency at 1.0MHz.
(2)DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3)Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 20°C, whichever is smaller. (Reference ambient
temperature 20°C)
∗: Agilent Technologies
(1)インダクタンスはLCRメータ4291A (∗)により測定する。
測定周波数は1.0MHzです。
(2)直流抵抗はデジタルマルチメータTR6871 (Advantest)または同等品に
より測定する。
(3)最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期
値より10%減少する直流電流値、または直流電流により、コイルの温
度が20℃上昇の何れか小さい値です。(周囲温度20℃を基準とする)
∗: Agilent Technologies
(Agilent Technologies 4291A + 16192A)
continued from previous page
前頁より続く


Similar Part No. - LLB2520

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLB2520 TOKO-LLB2520_16 Datasheet
358Kb / 2P
   Wire Wound Chip Inductors
More results

Similar Description - LLB2520

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com