Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8055ARZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8055ARZ-REEL
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8055ARZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8055ARZ-REEL Datasheet HTML 3Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8055/AD8056
Rev. J | Page 7 of 16
–50
–90
–60
–70
–80
–40
VOUT (V p-p)
THIRD
SECOND
G= +2
RL =1kΩ
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (Hz)
0.5
0.4
–0.5
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
VOUT = 100mV
G= +2
RL =100Ω
RF =402Ω
1G
100M
10M
1M
0.3M
Figure 12. 0.1 dB Flatness
Figure 15. Distortion vs. VOUT @ 20 MHz
FREQUENCY (Hz)
–50
–100
–60
–70
–80
–90
10k
100k
1M
100M
10M
VOUT =2Vp-p
G= +2
RL = 100Ω
THIRD
SECOND
10
4
0
9
5
3
1
7
6
2
8
VIN (V p-p)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RISE TIME
FALL TIME
G= +1
RL = 100Ω
RF =0Ω
Figure 13. Harmonic Distortion vs. Frequency
Figure 16. Rise Time and Fall Time vs. VIN
10
4
0
9
5
3
1
7
6
2
8
VIN (V p-p)
G= +1
RL =1kΩ
RF =0Ω
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FALL TIME
RISE TIME
FREQUENCY (Hz)
–50
–100
–60
–70
–80
–90
THIRD
SECOND
VOUT =2Vp-p
G= +2
RL =1kΩ
10k
100k
1M
100M
10M
Figure 17. Rise Time and Fall Time vs. VIN
Figure 14. Harmonic Distortion vs. Frequency


Similar Part No. - AD8055ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055ARZ-REEL AD-AD8055ARZ-REEL Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ARZ-REEL7 AD-AD8055ARZ-REEL7 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
More results

Similar Description - AD8055ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com