Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8044ARZ-14-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8044ARZ-14-REEL7
Description  Quad 150 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044ARZ-14-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8044ARZ-14-REEL7 Datasheet HTML 1Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 2Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 3Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 4Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 5Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 6Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 7Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 8Page - Analog Devices AD8044ARZ-14-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8044
REV. B
–5–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +12.6 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . . . . . . . . . . . . . 1.6 Watts
Small Outline Package (R) . . . . . . . . . . . . . . . . . . 1.0 Watts
Input Voltage (Common-Mode) . . . . . . . . . . . . . .
±VS ± 0.5 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±3.4 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . .Observe Power Derating Curves
Storage Temperature Range (N, R) . . . . . . . –65
∞C to +125∞C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
∞C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for the device in free air:
14-Lead Plastic Package:
qJA = 75∞C/W
14-Lead SOIC Package:
qJA = 120∞C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8044 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic encap-
sulated devices is determined by the glass transition temperature
of the plastic, approximately +150
∞C. Exceeding this limit
temporarily may cause a shift in parametric performance due to
a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of +175
∞C for an extended
period can result in device failure.
While the AD8044 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction tem-
perature (+150
∞C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves.
AMBIENT TEMPERATURE ( C)
2.5
2.0
0.5
–50
90
–40 –30 –20 –10 0
10 20
30 40 50
60
80
1.5
1.0
70
14-LEAD SOIC
14-LEAD PLASTIC DIP PACKAGE
TJ = +150 C
Figure 3. Maximum Power Dissipation vs. Temperature
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8016 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8044AN
–40
∞C to +85∞C
14-Lead PDIP
N-14
AD8044AR-14
–40
∞C to +85∞C
14-Lead SOIC
R-14
AD8044AR-14-REEL
–40
∞C to +85∞C
14-Lead SOIC 13" REEL
R-14
AD8044AR-14-REEL7
–40
∞C to +85∞C
14-Lead SOIC 7" REEL
R-14
AD8044ARZ-14
*
–40
∞C to +85∞C
14-Lead Plastic SOIC
R-14
AD8044ARZ-14-REEL
*
–40
∞C to +85∞C
14-Lead SOIC 13" REEL
R-14
AD8044ARZ-14-REEL7
*
–40
∞C to +85∞C
14-Lead SOIC 7" REEL
R-14
*Z = Pb free part


Similar Part No. - AD8044ARZ-14-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044ARZ-14-REEL7 AD-AD8044ARZ-14-REEL7 Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ARZ-14-REEL7 AD-AD8044ARZ-14-REEL7 Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
More results

Similar Description - AD8044ARZ-14-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR AD-AD8044AR Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com