Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV1117DT18T5G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV1117DT18T5G
Description  1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1117DT18T5G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV1117DT18T5G Datasheet HTML 2Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 3Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 4Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 5Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 6Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 7Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 8Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 9Page - ON Semiconductor NCV1117DT18T5G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP1117, NCV1117
http://onsemi.com
6
t, TIME (
ms)
−20
0
7.5
6.5
0
40
80
120
160
200
20
0
20
40
60
80
100
10
100
1.0 k
10 k
100 k
0
20
40
60
80
100
0
200
400
600
800
1000
Iout, OUTPUT CURRENT (mA)
fripple = 20 kHz
Vripple v 0.5 VP−P
Vout = 5.0 V
Vin − Vout = 3.0 V
Cout = 10 mF
Cadj = 25 mF
TA = 25°C
fripple, RIPPLE FREQUENCY (Hz)
Vout = 5.0 V
Vin − Vout = 3.0 V
Iout = 0.5 A
Cout = 10 mF
Cadj = 25 mF, f > 60 Hz
Vripple v 3.0 VP−P Vripple v 0.5 VP−P
Vin − Vout w 3.0 V
Figure 10. NCP1117XTA Ripple Rejection
vs. Output Current
Figure 11. NCP1117XTA Ripple Rejection
vs. Frequency
Figure 12. NCP1117XT285
Line Transient Response
Figure 13. NCP1117XT285
Load Transient Response
Figure 14. NCP1117XT50
Line Transient Response
Figure 15. NCP1117XT50
Load Transient Response
Cin = 10 mF
Cout = 10 mF
Vin = 6.5 V
Preload = 0.1 A
TA = 25°C
t, TIME (
ms)
0
0.5
0
0.1
−0.1
0
40
80
120
160
200
Cin = 10 mF
Cout = 10 mF
Vin = 4.5 V
Preload = 0.1 A
TA = 25°C
t, TIME (
ms)
0
0.5
0
0.1
−0.1
0
40
80
120
160
200
t, TIME (
ms)
−20
0
5.25
4.25
0
40
80
120
160
200
Cin = 1.0 mF
Cout = 10 mF
Iout = 0.1 A
TA = 25°C
20
fripple = 120 Hz
Vripple v 3.0 VP−P
Cin = 1.0 mF
Cout = 10 mF
Iout = 0.1 A
TA = 25°C
Vin − Vout w Vdropout
Cadj = 200 mF, f v 60 Hz
TA = 25°C


Similar Part No. - NCV1117DT18T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCV1117DT18T5G ONSEMI-NCV1117DT18T5G Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results

Similar Description - NCV1117DT18T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
   Low drop fixed and adjustable positive voltage regulators
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com