Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8042 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8042
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8042_06 Datasheet HTML 4Page - Analog Devices AD8042_06 Datasheet HTML 5Page - Analog Devices AD8042_06 Datasheet HTML 6Page - Analog Devices AD8042_06 Datasheet HTML 7Page - Analog Devices AD8042_06 Datasheet HTML 8Page - Analog Devices AD8042_06 Datasheet HTML 9Page - Analog Devices AD8042_06 Datasheet HTML 10Page - Analog Devices AD8042_06 Datasheet HTML 11Page - Analog Devices AD8042_06 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8042
Rev. D | Page 8 of 16
30
300
100
10
3
1
10
1G
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 11. Input Voltage Noise vs. Frequency
–60
–40
–30
–50
–70
–100
–80
–90
110
9
8
7
6
5
4
3
2
FUNDAMENTAL FREQUENCY (MHz)
VS = 3V, AV = –1,
RL = 100Ω TO 1.5V
VS = 5V, AV = +2,
RL = 100Ω TO 2.5V
VS = 5V, AV = +1,
RL = 100Ω TO 2.5V
VS = 5V, AV = +2,
RL = 1kΩ TO 2.5V
VS = 5V, AV = +1,
RL = 1kΩ TO 2.5V
Figure 12. Total Harmonic Distortion
–60
–40
–30
–50
–70
–110
–100
–80
–90
05.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUT VOLTAGE (V p-p)
10MHz
5MHz
1MHz
VS = 5V, G = +2,
RL = 1kΩ TO 2.5V
Figure 13. Worst Harmonic vs. Output Voltage
0.01
0.03
0.04
0.02
–0.01
0.05
0
–0.01
0.04
0.03
0.02
0.01
0
01
90
80
70
60
50
40
30
20
10
MODULATING RAMP LEVEL (IRE)
00
NTSC SUBCARRIER (3.579MHz)
VS = +5V
G = +2
RL = 150Ω TO 2.5V
VS = ±5V
G = +2
RL = 150Ω
VS = ±5V
G = +2
RL = 150Ω
VS = +5V
G = +2
RL = 150Ω TO 2.5V
Figure 14. Differential Gain and Phase Errors
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
1
500
100
10
FREQUENCY (MHz)
VS = 5V
G = +2
RF = 200Ω
RL = 150Ω TO 2.5V
14MHz
Figure 15. 0.1 dB Gain Flatness
120
100
80
60
40
20
0
–20
–40
–60
–80
45
0
–45
–90
–135
–180
–225
–270
0.01
500
10
100
1
0.1
FREQUENCY (MHz)
VS = 5V
G = +2
RF = 200Ω
RL = 150Ω TO 2.5V
GAIN
PHASE
Figure 16. Open-Loop Gain and Phase vs. Frequency


Similar Part No. - AD8042_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results

Similar Description - AD8042_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com