Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1992 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1992
Description  Audio Switching Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1992 Datasheet(HTML) 4 Page - Analog Devices

  AD1992 Datasheet HTML 1Page - Analog Devices AD1992 Datasheet HTML 2Page - Analog Devices AD1992 Datasheet HTML 3Page - Analog Devices AD1992 Datasheet HTML 4Page - Analog Devices AD1992 Datasheet HTML 5Page - Analog Devices AD1992 Datasheet HTML 6Page - Analog Devices AD1992 Datasheet HTML 7Page - Analog Devices AD1992 Datasheet HTML 8Page - Analog Devices AD1992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD1992
Rev. 0 | Page 4 of 20
Table 5. Power Supplies
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG SUPPLY, AVDD
4.5
5.0
5.5
V
DIGITAL SUPPLY, DVDD
4.5
5.0
5.5
V
POWER TRANSISTOR SUPPLY, PVDD
6.5
8 to 20
22.5
V
RESET/POWER-DOWN CURRENT
RESET held low
AVDD
0.6
1
μA
5 V
DVDD
7.5
11
μA
5 V
PVDD
19
40
μA
12 V
QUIESCENT CURRENT
Inputs grounded, nonoverlap = minimum
AVDD
20
mA
5 V
DVDD
5.5
mA
5 V
PVDD
30
mA
12 V
OPERATING CURRENT
VIN = 1 V rms, RL = 6 Ω, PO = 1 W
AVDD
20
27
mA
5 V
DVDD
5.5
7
mA
5 V
PVDD
218
260
mA
12 V
Table 6. Digital I/O
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT LOGIC HIGH
2.0
V
INPUT LOGIC LOW
0.8
V
OUTPUT LOGIC HIGH
2.4
V
@ 4 mA
OUTPUT LOGIC LOW
0.4
V
@ 4 mA
LEAKAGE CURRENT ON DIGITAL OUTPUTS
10
μA
Table 7. Digital Timing
Parameter
Typ
Unit
Test Conditions/Comments
tMD
10
μs
Delay after MUTE is asserted until output stops switching
tUD
34
μs
Delay after MUTE is deasserted until output starts switching
MUTE
OUTx
tUD
tMD
Figure 2. Mute and Unmute Delay Timing


Similar Part No. - AD1992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1992 AD-AD1992 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
AD1992ACPZ AD-AD1992ACPZ Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
More results

Similar Description - AD1992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990_15 Datasheet
405Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
logo
Toshiba Semiconductor
2SC3295-B TOSHIBA-2SC3295-B Datasheet
195Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
2SC3113 TOSHIBA-2SC3113_03 Datasheet
147Kb / 4P
   For Audio Amplifier and Switching Applications
2SC3295 TOSHIBA-2SC3295_03 Datasheet
114Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com