Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1870AR-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD1870AR-REEL
Description  Single-Supply 16-Bit Stereo ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1870AR-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1870AR-REEL Datasheet HTML 4Page - Analog Devices AD1870AR-REEL Datasheet HTML 5Page - Analog Devices AD1870AR-REEL Datasheet HTML 6Page - Analog Devices AD1870AR-REEL Datasheet HTML 7Page - Analog Devices AD1870AR-REEL Datasheet HTML 8Page - Analog Devices AD1870AR-REEL Datasheet HTML 9Page - Analog Devices AD1870AR-REEL Datasheet HTML 10Page - Analog Devices AD1870AR-REEL Datasheet HTML 11Page - Analog Devices AD1870AR-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD1870
REV. A
–8–
44.1 kHz. The stop-band attenuation is sufficient to eliminate
modulator quantization noise from affecting the output. Low
pass-band ripple prevents the digital filter from coloring the
audio signal. See TPC 7 for the digital filter’s characteristics.
The output from the decimator is available as a single serial
output, multiplexed between left and right channels.
Note that the digital filter itself is operating at 64
× fS. As a
consequence, Nyquist images of the pass-band, transition band,
and stop band will be repeated in the frequency spectrum at
multiples of 64
× fS. Thus the digital filter will attenuate to
greater than 90 dB across the frequency spectrum, except for a
window
±0.55 × fS wide centered at multiples of 64 × fS. Any in-
put signals, clock noise, or digital noise in these frequency
windows will not be attenuated to the full 90 dB. If the high
frequency signals or noise appear within the pass-band images
within these windows, they will not be attenuated at all, and
input antialias filtering should therefore be applied.
Sample Delay
The sample delay or “group delay” of the AD1870 is dominated
by the processing time of the digital decimation filter. FIR filters
convolve a vector representing time samples of the input with
an equal-sized vector of coefficients. After each convolution, the
input vector is updated by adding a new sample at one end of
the “pipeline” and discarding the oldest input sample at the
other. For a FIR filter, the time at which a step input appears at
the output will be when that step input is halfway through
the input sample vector pipeline. The input sample vector
is updated every 64
× fS. The equation that expresses the
group delay for the AD1870 is:
Group Delay (sec) = 36/fS (Hz)
For the most common sample rates, this can be summarized as:
fS
Group Delay
48 kHz
750
µs
44.1 kHz
816
µs
32 kHz
1125
µs
Due to the linear phase properties of FIR filters, the group
delay variation, or differences in group delay at different
frequencies, is essentially zero.
OPERATING FEATURES
Voltage Reference and External Filter Capacitors
The AD1870 includes a 2.25 V on-board reference that deter-
mines the AD1870’s input range. The left and right reference
pins (Pin 14 and Pin 15) should be bypassed with a 0.1
µF
ceramic chip capacitor in parallel with a 4.7
µF tantalum as
shown in Figure 3. Note that the chip capacitor should be clos-
est to the pin. The internal reference can be overpowered by
applying an external reference voltage at the VREFL (Pin 14) and
VREFR (Pin 15) pins, allowing multiple AD1870s to be calibrated
to the same gain. It is not possible to overpower the left and
right reference pins individually; the external reference voltage
should be applied to both Pin 14 and Pin 15. Note that the ref-
erence pins must still be bypassed as shown in Figure 3.
While it is possible to bypass each reference pin (VREFL and
VREFR) with a capacitor larger than the suggested 4.7
µF, it
is not recommended. A larger capacitor will have a longer
charge-up time, which may extend into the autocalibration period,
yielding incorrect results.
The AD1870 requires four external filter capacitors on Pins 11,
12, 17, and 18. These capacitors are used to filter the single-to-
differential converter outputs and are too large for practical
integration onto the die. They should be 470 pF NPO ceramic
chip type capacitors, as shown in Figure 3, placed as close to
the AD1870 package as possible.
Sample Clock
An external master clock supplied to CLKIN (Pin 28) drives
the AD1870 modulator, decimator, and digital interface. As
with any analog-to-digital conversion system, the sampling clock
must be low jitter to prevent conversion errors. If a crystal oscil-
lator is used as the clock source, it should be bypassed with a
0.1
µF capacitor, as shown below in Figure 3.
For the AD1870, the input clock operates at either 256
× fS or
384
× f
S as selected by the 384/256 pin. When 384/256 is HI,
the 384 Mode is selected; when 384/
256 is LO, the 256
Mode is selected. In both cases, the clock is divided down to
obtain the 64
× f
S clock required for the modulator. The output
word rate itself will be at fS. This relationship is illustrated for
popular sample rates below:
256 Mode
384 Mode
Modulator
Output Word
CLKIN
CLKIN
Sample Rate Rate
12.288 MHz
18.432 MHz
3.072 MHz
48 kHz
11.2896 MHz
16.9344 MHz 2.822 MHz
44.1 kHz
8.192 MHz
12.288 MHz
2.048 MHz
32 kHz
The AD1870 serial interface will support both Master and Slave
Modes. Note that in Slave Mode it is required that the serial
interface clocks be externally derived from a common source.
In Master Mode, the serial interface clock outputs are internally
derived from CLKIN.
Reset, Autocalibration, and Power-Down
The active LO
RESET pin (Pin 23) initializes the digital deci-
mation filter and clears the output data buffer. While in the reset
state, all digital pins defined as outputs of the AD1870 are
driven to ground (except for BCLK, which is driven to the state
defined by RDEDGE (Pin 6)). Analog Devices recommends
resetting the AD1870 on initial power-up so that the device is
properly calibrated. The reset signal must remain LO for the
minimum period specified in the Specifications section. The reset
pulse is asynchronous with respect to the master clock, CLKIN.
If, however, multiple AD1870s are used in a system, and it is
desired that they leave the reset state at the same time, the
common reset pulse should be made synchronous to CLKIN
(i.e.,
RESET should be brought HI on a CLKIN falling edge).
Multiple AD1870s can be synchronized to each other by using
a single master clock and a single reset signal to initialize all
devices. On coming out of reset, all AD1870s will begin sam-
pling at the same time. Note that in Slave Mode, the AD1870
is inactive (and all outputs are static, including WCLK) until
the first rising edge of L
RCK after the first falling edge of
L
RCK. This initial low going then high going edge of LRCK can
be used to “skew” the sampling start-up time of one AD1870
relative to other AD1870s in a system. In the data position con-
trolled by the WCLK Input Mode, WCLK must be HI with
L
RCK HI, then WCLK HI with LRCK LO, then WCLK HI
with L
RCK HI before the AD1870 starts sampling.


Similar Part No. - AD1870AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870JR AD-AD1870JR Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results

Similar Description - AD1870AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com