Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1870AR-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD1870AR-REEL
Description  Single-Supply 16-Bit Stereo ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1870AR-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD1870AR-REEL Datasheet HTML 1Page - Analog Devices AD1870AR-REEL Datasheet HTML 2Page - Analog Devices AD1870AR-REEL Datasheet HTML 3Page - Analog Devices AD1870AR-REEL Datasheet HTML 4Page - Analog Devices AD1870AR-REEL Datasheet HTML 5Page - Analog Devices AD1870AR-REEL Datasheet HTML 6Page - Analog Devices AD1870AR-REEL Datasheet HTML 7Page - Analog Devices AD1870AR-REEL Datasheet HTML 8Page - Analog Devices AD1870AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1870
REV. A
–5–
PIN FUNCTION DESCRIPTIONS
Input/
Pin
Pin
Output
Name
Description
1
I/O
L
RCK
Left/
Right Clock
2
I/O
WCLK
Word Clock
3
I/O
BCLK
Bit Clock
4I
DVDD1
5 V Digital Supply
5
I
DGND1
Digital Ground
6
I
RDEDGE
Read Edge Polarity Select
7I
S/
M
Slave/
Master Select
8
I
384/
256
Clock Mode
9I
AVDD
5 V Analog Supply
10
I
VINL
Left Channel Input
11
O
CAPL1
Left External Filter Capacitor 1
12
O
CAPL2
Left External Filter Capacitor 2
13
I
AGNDL
Left Analog Ground
14
O
VREFL
Left Reference Voltage Output
15
O
VREFR
Right Reference Voltage Output
16
I
AGNDR
Right Analog Ground
17
O
CAPR2
Right External Filter Capacitor 2
18
O
CAPR1
Right External Filter Capacitor 1
19
I
VINR
Right Channel Input
20
I
AGND
Analog Ground
21
I
R
LJUST
Right/
Left Justify
22
I
MSBDLY
Delay MSB One BCLK Period
23
I
RESET
Reset
24
I
DGND2
Digital Ground
25
I
DVDD2
5 V Digital Supply
26
O
SOUT
Serial Data Output
27
O
TAG
Serial Overrange Output
28
I
CLKIN
Master Clock
DEFINITIONS
Dynamic Range
The ratio of a full-scale output signal to the integrated output noise
in the pass band (20 Hz to 20 kHz), expressed in decibels (dB).
Dynamic range is measured with a –60 dB input signal and is equal
to (S/(THD + N)) 60 dB. Note that spurious harmonics are below
the noise with a –60 dB input, so the noise level establishes the
dynamic range. The dynamic range is specified with and with-
out an A-Weight filter applied.
Signal to Total Harmonic Distortion + Noise
(S/(THD + N))
The ratio of the root-mean-square (rms) value of the fundamen-
tal input signal to the rms sum of all other spectral components
in the pass band, expressed in decibels.
Signal to Total Harmonic Distortion (S/THD)
The ratio of the rms value of the fundamental input signal to the
rms sum of all harmonically related spectral components in the
pass band, expressed in decibels.
Pass Band
The region of the frequency spectrum unaffected by the attenu-
ation of the digital decimator’s filter.
Pass-Band Ripple
The peak-to-peak variation in amplitude response from equal-
amplitude input signal frequencies within the pass band,
expressed in decibels.
Stop Band
The region of the frequency spectrum attenuated by the digi-
tal decimator’s filter to the degree specified by stop-band
attenuation.
Gain Error
With a near full-scale input, the ratio of actual output to
expected output, expressed as a percentage.
Interchannel Gain Mismatch
With identical near full-scale inputs, the ratio of outputs of the
two stereo channels, expressed in decibels.
Gain Drift
Change in response to a near full-scale input with a change in
temperature, expressed as parts-per-million (ppm) per
°C.
Midscale Offset Error
Output response to a midscale dc input, expressed in least
significant bits (LSBs).
Midscale Drift
Change in midscale offset error with a change in temperature,
expressed as parts-per-million (ppm) per
°C.
Crosstalk (EIAJ Method)
Ratio of response on one channel with a grounded input to a
full-scale 1 kHz sine wave input on the other channel, expressed
in decibels.
Power Supply Rejection
With no analog input, signal present at the output when a
300 mV p-p signal is applied to the power supply pins, ex-
pressed in decibels of full scale.
Group Delay
Intuitively, the time interval required for an input pulse to
appear at the converter’s output, expressed in milliseconds
(ms). More precisely, the derivative of radian phase with respect
to radian frequency at a given frequency.
Group Delay Variation
The difference in group delays at different input frequencies.
Specified as the difference between the largest and smallest
group delays in the pass band, expressed in microseconds (
µs).


Similar Part No. - AD1870AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870JR AD-AD1870JR Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results

Similar Description - AD1870AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com