Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD629BRZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # AD629BRZ-RL
Description  High Common-Mode Voltage, Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629BRZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD629BRZ-RL Datasheet HTML 2Page - Analog Devices AD629BRZ-RL Datasheet HTML 3Page - Analog Devices AD629BRZ-RL Datasheet HTML 4Page - Analog Devices AD629BRZ-RL Datasheet HTML 5Page - Analog Devices AD629BRZ-RL Datasheet HTML 6Page - Analog Devices AD629BRZ-RL Datasheet HTML 7Page - Analog Devices AD629BRZ-RL Datasheet HTML 8Page - Analog Devices AD629BRZ-RL Datasheet HTML 9Page - Analog Devices AD629BRZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD629
Rev. B | Page 6 of 16
VOUT (V)
–10
–5
0
5
10
20µV/DIV
2.5V/DIV
VS = ±15V
RL = 10kΩ
Figure 11. Gain Nonlinearity; VS = ±15 V, RL = 10 kΩ
VOUT (V)
–10
–2
–4
–6
–8
024
68
10
20µV/DIV
2V/DIV
VS = ±12V
RL = 10kΩ
Figure 12. Gain Nonlinearity; VS = ±12 V, RL =10 kΩ
VOUT (V)
–3.0
–0.6
–1.2
–1.8
–2.4
0
0.6
1.2
1.8
2.4
3.0
40µV/DIV
0.6V/DIV
VS = ±5V
RL = 1kΩ
Figure 13. Gain Nonlinearity; VS = ±5 V, RL = 1 kΩ
VOUT (V)
–10
–2
–4
–6
–8
0
2468
10
40µV/DIV
2V/DIV
VS = ±15V
RL = 2kΩ
Figure 14. Gain Nonlinearity; VS = ±15 V, RL = 2kΩ
OUTPUT CURRENT (mA)
14.0
13.0
12.0
11.0
10.0
9.0
–11.5
–12.0
–12.5
–13.0
–13.5
02468
10
12
14
16
18
20
–40°C
–40°C
–40°C
+85°C
+85°C
+25°C
+25°C
VS= ±15V
Figure 15. Output Voltage Operating Range vs. Output Current; VS = ±15 V
OUTPUT CURRENT (mA)
11.5
10.5
9.5
8.5
7.5
6.5
–9.0
–9.5
–10.0
–10.5
–11.0
02468
10
12
14
16
18
20
VS= ±12V
–40°C
–40°C
+85°C
+25°C
–40°C
+85°C
+85°C
+25°C
Figure 16. Output Voltage Operating Range vs. Output Current; VS = ±12 V


Similar Part No. - AD629BRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629BR AD-AD629BR Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
AD629BR-REEL AD-AD629BR-REEL Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
AD629BR-REEL7 AD-AD629BR-REEL7 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
More results

Similar Description - AD629BRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com